Electronic Components Datasheet Search
  English  ▼

X  

TDA8844 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8844
Description  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 13Page - NXP Semiconductors TDA8844 Datasheet HTML 14Page - NXP Semiconductors TDA8844 Datasheet HTML 15Page - NXP Semiconductors TDA8844 Datasheet HTML 16Page - NXP Semiconductors TDA8844 Datasheet HTML 17Page - NXP Semiconductors TDA8844 Datasheet HTML 18Page - NXP Semiconductors TDA8844 Datasheet HTML 19Page - NXP Semiconductors TDA8844 Datasheet HTML 20Page - NXP Semiconductors TDA8844 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
December 16, 1997
17
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
TDA 8840/41/42/46/46A:
Valid subaddresses: 00 to 1A (subaddresses 04 to 07 and 17 are not used), subaddress FE is reserved for test purposes.
Auto-increment mode available for subaddresses. The bit L’FA is only valid in the TDA 8842, the function of the colour
mode bits (CM0-CM2 and CD0-CD2) is dependent on the functional content of the IC.
Table 1
Input status bits.
Table 2
Output status bits.
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Control 0
00
INA
INB
INC
BCO
FOA
FOB
XA
XB
Control 1
01
FORF
FORS
DL
STB
POC
CM2
CM1
CM0
Hue
02
AVL
AKB
A5
A4
A3
A2
A1
A0
Horizontal shift (HS)
03
VIM
GAI
A5
A4
A3
A2
A1
A0
Vertical slope (VS)
08
NCIN
STM
A5
A4
A3
A2
A1
A0
Vertical amplitude (VA)
09
VID
LBM
A5
A4
A3
A2
A1
A0
S-correction (SC)
0A
0
EVG
A5
A4
A3
A2
A1
A0
Vertical shift (VSH)
0B
SBL
PRD
A5
A4
A3
A2
A1
A0
White point R
0C
0
0
A5
A4
A3
A2
A1
A0
White point G
0D
0
0
A5
A4
A3
A2
A1
A0
White point B
0E
MAT
0
A5
A4
A3
A2
A1
A0
Peaking
0F
0
0
A5
A4
A3
A2
A1
A0
Brightness
10
RBL
COR
A5
A4
A3
A2
A1
A0
Saturation
11
IE1
0
A5
A4
A3
A2
A1
A0
Contrast
12
AFW
IFS
A5
A4
A3
A2
A1
A0
AGC take-over
13
MOD
VSW
A5
A4
A3
A2
A1
A0
Volume control
14
SM
FAV
A5
A4
A3
A2
A1
A0
Adjustment IF-PLL
15
IFA
IFB
IFC
0
0
0
0
0
Control 2
18
OSO
VSD
CB
BLS
BKS
0
0
BB
Control 3
19
HOB
BPS
ACL
CMB
AST
CL2
CL1
CL0
Control 4
1A
0
0
0
0
DS
DSA
FFI
EBS
Control 5
1B
0
0
00000
FCO
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Output status bytes
00
POR
FSI
X
SL
XPR
CD2
CD1
CD0
01
NDF
IN1
X
IFI
AFA
AFB
SXA
SXB
02
N2
X
BCF
IVW
ID3
ID2
ID1
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com