Electronic Components Datasheet Search
  English  ▼

X  

TDA8844 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # TDA8844
Description  I2C-bus controlled PAL/NTSC/SECAM TV processors
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8844 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button TDA8844 Datasheet HTML 60Page - NXP Semiconductors TDA8844 Datasheet HTML 61Page - NXP Semiconductors TDA8844 Datasheet HTML 62Page - NXP Semiconductors TDA8844 Datasheet HTML 63Page - NXP Semiconductors TDA8844 Datasheet HTML 64Page - NXP Semiconductors TDA8844 Datasheet HTML 65Page - NXP Semiconductors TDA8844 Datasheet HTML 66Page - NXP Semiconductors TDA8844 Datasheet HTML 67Page - NXP Semiconductors TDA8844 Datasheet HTML 68Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
December 16, 1997
65
Philips Semiconductors
Tentative Device Specification
I2C-bus controlled PAL/NTSC/SECAM TV
processors
TDA884X/5X-N2 series
handbook, full pagewidth
MSA327
1.0
0.6
detail X
1.4
1.2
0.25
0.14
3.2
2.7
0 to 7
o
2.90
2.65
0.25
0.05
S
0.10 S
seating plane
X
A
B
pin 1 index
18.2
17.6
1.2
0.8
(4x)
20.1
19.9
24.2
23.6
1.0
0.50
0.35
0.50
0.35
1.2
0.8
(4x)
1.0
14.1
13.9
0.20 M A
1
64
52
51
33
32
20
19
Fig.34 Plastic quad flat package; 64 leads (lead length 1.95 mm); body 14
× 20 × 2.8 mm.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com