Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 30 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 30 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 26Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 27Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 28Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 29Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 30Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 31Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 32Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 33Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 34Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
28/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Table 3.1. Sampling & PCM coding setting
BANK1
8K/8bit
8K/16bit
16K/8bit
16K/16bit
32K/8bit
32K/16bit
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
Linear
PCM
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
0
1
00
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
0
0
00
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
1
1
00
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
1
0
00
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
1
1
1
00
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
1
1
0
00
Unsigned
Linear
PCM
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
0
1
01
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
0
0
01
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
1
1
01
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0
1
0
01
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
1
1
1
01
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
1
1
0
01
G.711
U-law
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
0
1
10
0
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
0
0
10
0
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
1
1
10
0
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
1
0
10
0
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
1
1
1
10
0
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
1
1
0
10
0
G.711
A-law
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
0
1
10
1
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
0
0
10
1
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
1
1
10
1
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
0
1
0
10
1
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
1
1
1
10
1
0x00[0]
0x07[3]
0x07[2]
0x08[5:4]
0x08[6]
1
1
0
10
1
DSP / SSP / I2S interfaces are supported as output data format. In addition, slave mode and
master mode are also supported. At slave mode, input clock and synchronized signal come from
external ICs, however Master mode generates clock and synchronized signal in itself.
3.2.1 Data Output Interface
NVP6124 outputs "Record Output" using ACLK_REC, ASYNC_REC, ADATA_REC and
DATA_SP.
ACLK_REC is a reference clock signal for Record Output Data and ASYNC_REC
is a reference synchronization signal for Record Output Data. ADATA_REC and ADATA_SP
are synchronized Record Output, data with reference clock and reference synchronized signal.
Table 3.2 Record Output Interface configuration
BANK1
DSP
SSP
I2S
ADDR
VALUE
ADDR
VALUE
ADDR
VALUE
Master
0x07[0]
0x07[1]
0x07[7]
1
0
1
0x07[0]
0x07[1]
0x07[7]
1
1
1
0x07[0]
0x07[1]
0x07[7]
0
0
1
Slave
0x07[0]
0x07[1]
0x07[7]
1
0
0
0x07[0]
0x07[1]
0x07[7]
1
1
0
0x07[0]
0x07[1]
0x07[7]
0
0
0
ACLK_REC is a reference clock of Record Output Data and ASYNC_REC is reference
synchronized signal. ACLK_REC and ASYNC_REC signal support slave mode accepted
external signals and master mode generating clock and synchronization signal in itself. And



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com