Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 85 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 85 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 81Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 82Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 83Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 84Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 85Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 86Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 87Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 88Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 89Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
83/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Video Output Timing
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x68
H_CROP_S_1
[7:0]
0x00
0x00
H_CROP_S_x
:
Adjust the horizontal crop start point.
(x =
channel 1~4 )
0x69
H_CROP_S_2
0x6A
H_CROP_S_3
0x6B
H_CROP_S_4
0x6C
H_CROP_E_1
[7:0]
0x00
0x00
H_CROP_E_x
:
Adjust the horizontal crop end point.
(x =
channel 1~4 )
0x6D
H_CROP_E_2
0x6E
H_CROP_E_3
0x6F
H_CROP_E_4
0x70
V_CROP_S_1
[7:0]
0x00
0x00
V_CROP_S_x
: Adjust the vertical crop start point.
(x =
channel 1~4 )
0x71
V_CROP_S_2
0x72
V_CROP_S_3
0x73
V_CROP_S_4
0x74
V_CROP_E_1
[7:0]
0x00
0x00
V_CROP_E_x
: Adjust the vertical crop end point.
(x =
channel 1~4 )
0x75
V_CROP_E_2
0x76
V_CROP_E_3
0x77
V_CROP_E_4
Registers to Control Back Ground Color
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x78
BGDCOL_1
[3:0]
0x88
0x88
BGDCOL_x
: When No-Video, BackGround Color is used. (x =
channel 1~4)
0000
:
Blue
0001
:
White (75%)
0010
:
Yellow
0011
:
Cyan
0100
:
Green
0101
:
Magenta
0110
:
Red
0111
:
Blue
1000
:
Black
1001
:
Gray
1010
:
Red (NEXTCHIP
*)
1011
:
Yellow (NEXTCHIP
*)
1100
:
Magenta (NEXTCHIP
*)
1101
:
Green (NEXTCHIP
*)
1110
:
Blue (NEXTCHIP
*)
1111
:
Cyan (NEXTCHIP
*)
* These color information is exactly same as controllers provided by
NEXTCHIP
BGDCOL_2
[7:4]
0x79
BGDCOL_3
[3:0]
BGDCOL_4
[7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com