Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 48 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 48 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 44Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 45Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 46Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 47Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 48Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 49Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 50Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 51Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 52Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
46/125
4-CH AHD2.0 RX and 9-CH Audio Codec
☞ BANK1 Register(0x00~0x1F) : AUDIO
ADDRESS
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Def.
30P
25P
B
A
N
K
1
0x00
PD_AAFE
-
RM_PB_PIN
PB_RM_PIN
FILTER_ON
EN_32K_
MODE
0x02
0x02
0x02
0x01
AIGAIN_01
0x00
0x0A
0x0A
0x02
AIGAIN_02
0x00
0x0A
0x0A
0x03
AIGAIN_03
0x00
0x0A
0x0A
0x04
AIGAIN_04
0x00
0x0A
0x0A
0x05
MIGAIN_01
0x00
0x0A
0x0A
0x06
CAS_PB
TRANS_MODE
-
CAS_PIN
-RESERVED-
CHIP_STAGE
0x1B
0x1B
0x1B
0x07
RM_MASTER
RM_CLK
RM_BITRATE
RM_SAMRATE RM_BITWID
RM_SSP
RM_SYNC
0xC8
0xC8
0xC8
0x08
RM_BIT_
SWAP
RM_LAW_SEL
RM_FORMAT
R_ADATSP2
R_ADATSP
R_MULTCH
0x03
0x03
0x03
0x09
R_SEQ_08[4] R_SEQ_07[4] R_SEQ_06[4] R_SEQ_05[4] R_SEQ_04[4] R_SEQ_03[4] R_SEQ_02[4] R_SEQ_01[4]
0x00
0x00
0x00
0x0A
R_SEQ_02[3:0]
R_SEQ_01[3:0]
0x10
0x10
0x10
0x0B
R_SEQ_04[3:0]
R_SEQ_03[3:0]
0x32
0x32
0x32
0x0C
R_SEQ_06[3:0]
R_SEQ_05[3:0]
0x54
0x54
0x54
0x0D
R_SEQ_08[3:0]
R_SEQ_07[3:0]
0x76
0x76
0x76
0x0E
R_SEQ_16[4] R_SEQ_15[4] R_SEQ_14[4] R_SEQ_13[4] R_SEQ_12[4] R_SEQ_11[4] R_SEQ_10[4] R_SEQ_09[4]
0x00
0x00
0x00
0x0F
R_SEQ_10[3:0]
R_SEQ_09[3:0]
0x98
0x98
0x98
0x10
R_SEQ_12[3:0]
R_SEQ_11[3:0]
0xBA
0xBA
0xBA
0x11
R_SEQ_14[3:0]
R_SEQ_13[3:0]
0xDC
0xDC
0xDC
0x12
R_SEQ_16[3:0]
R_SEQ_15[3:0]
0xFE
0xFE
0xFE
0x13
PB_MASTER
PB_CLK
PB_BITRATE
PB_SAMRATE
PB_BITWID
PB_SSP
PB_SYNC
0x08
0x08
0x08
0x14
PB_BIT_
SWAP
-
PB_SEL
0x00
0x00
0x00
0x15
PB_FORMAT
-
PB_ LAW_SEL
-RESERVED-
0x00
0x00
0x00
0x16
MIX_RATIO_02
MIX_RATIO_01
0x88
0x88
0x88
0x17
MIX_RATIO_04
MIX_RATIO_03
0x88
0x88
0x88
0x18
MIX_RATIO_06
MIX_RATIO_05
0x88
0x88
0x88
0x19
MIX_RATIO_08
MIX_RATIO_07
0x88
0x88
0x88
0x1A
MIX_RATIO_10
MIX_RATIO_09
0x88
0x88
0x88
0x1B
MIX_RATIO_12
MIX_RATIO_11
0x88
0x88
0x88
0x1C
MIX_RATIO_14
MIX_RATIO_13
0x88
0x88
0x88
0x1D
MIX_RATIO_16
MIX_RATIO_15
0x88
0x88
0x88
0x1E
MIX_RATIO_M2
MIX_RATIO_M1
0x88
0x88
0x88
0x1F
MIX_RATIO_M4
MIX_RATIO_M3
0x88
0x88
0x88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com