Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 96 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 96 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 92Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 93Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 94Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 95Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 96Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 97Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 98Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 99Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 100Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
94/125
4-CH AHD2.0 RX and 9-CH Audio Codec
AUDIO Registers
Registers to Control Audio AFE and DFE
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x00
PD_AAFE
[7]
0x02
0x02
PD_AAFE
: Audio AFE LIVE CH1~CH8 and MIC1 Power Down Mode selection
0 : Operation
1 : Power Down
RM_PB_PIN
[3]
RM_PB_PIN
: Selection of clock and sync for ADATA_REC, ADATA_SP pin
0 : use ACLK_REC and ASYNC_REC as clock and sync for ADATA_REC,
ADATA_SP pin
1 : use ACLK_PB and ASYNC_PB as clock and sync for ADATA_REC,
ADATA_SP pin
PB_RM_PIN
[2]
PB_RM_PIN
: Selection of clock and sync for ADATA_PB pin
0 : use ACLK_PB and ASYNC_PB as clock and sync for ADATA_PB,
1 : use ACLK_REC and ASYNC_REC as clock and sync for ADATA_PB,
FILTER_ON
[1]
FILTER_ON
: Set ADC sampling rate
0 : Non-oversample (16KHz)
1 : Oversample (64KHz)
EN_32K_MODE
[0]
EN_32K_MODE
: Operate whole audio system as 32K mode
0 : 16K Mode
1 : 32K Mode
Registers to Control Audio Input Gain
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
1
0x01
AIGAIN_01
[7:0]
0x0A
0x0A
AIGAIN_x
/
MIGAIN_x
: The gain of analog audio input AIN1-8 and MICIN1
0x02
AIGAIN_02
[7:0]
0x03
AIGAIN_03
[7:0]
0x04
AIGAIN_04
[7:0]
0000
:
mute
0001
:
0.125
0010
:
0.25
0011
:
0.375
0x40
AIGAIN_05
[7:0]
0100
:
0.5
0101
:
0.625
0110
:
0.75
0111
:
0.875
0x41
AIGAIN_06
[7:0]
1000
:
1.0
1001
:
1.125
1010
:
1.25
1011
:
1.375
0x42
AIGAIN_07
[7:0]
1100
:
1.5
1101
:
1.625
1110
:
1.75
1111
:
1.875
0x43
AIGAIN_08
[7:0]
10000
:
2.0
10001
:
2.125
10000 ~ 11111111 : step by about 0.125
0x05
MIGAIN_01
[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com