Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 82 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 82 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 78Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 79Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 80Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 81Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 82Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 83Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 84Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 85Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 86Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
80/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Chrominance
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x38
CTI_GAIN_1
[7:0]
0x0A
0x0A
CTI_GAIN_x[7:6]
(x =
channel 1~4)
: Adjust CTI Gain Delay
0x39
CTI_GAIN_2
0x3A
CTI_GAIN_3
CTI_GAIN_x[4:0]
(x =
channel 1~4)
: Adjust gain level for CTI.
0x3B
CTI_GAIN_4
0x00
:
No Gain
0x01 ~ 0x1F
:
More larger gain
0x3C
SATURATION_1
[7:0]
0x84
0x84
SATURATION_x
(x =
channel 1~4 )
:
Color Gain Value (Adjustable up to x2)
0x3D
SATURATION_2
0x3E
SATURATION_3
00000000
:
x 0
11000000
:
x 1.5
10000000
:
x 1
11111111
:
x 2
0x3F
SATURATION_4
0x40
HUE_1
[7:0]
0xFD
0x00
HUE_x
(x =
channel 1~4 )
: Color HUE Control Value (360°/256 per HUE Value 1 unit)
0x41
HUE_2
0x42
HUE_3
00000000
:
0°
10000000
:
180°
01000000
:
90°
11111111
:
360°
0x43
HUE_4
Registers to Control Chrominance
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x44
U_GAIN_1
[7:0]
0x30
0x30
U_GAIN_x
(x =
channel 1~4 )
: U Gain Value (Adjustable up to x2)
0x45
U_GAIN_2
0x46
U_GAIN_3
00000000
:
x 0
11000000
:
x 1.5
10000000
:
x 1
11111111
:
x 2
0x47
U_GAIN_4
0x48
V_GAIN_1
[7:0]
0x30
0x30
V_GAIN_x
(x =
channel 1~4 )
: V Gain Value (Adjustable up to x2)
0x49
V_GAIN_2
0x4A
V_GAIN_3
00000000
:
x 0
11000000
:
x 1.5
10000000
:
x 1
11111111
:
x 2
0x4B
V_GAIN_4
0x4C
U_OFFSET_1
[7:0]
0x04
0x04
U_OFFSET_x
(x =
channel 1~4 )
: U offset value is adjustable up to ± 7. U offset consists of 2's complements.
0x4D
U_OFFSET_2
0x4E
U_OFFSET_3
0001
:
+ 1
1000
:
- 8
0111
:
+ 7
1111
:
- 1
0x4F
U_OFFSET_4
0x50
V_OFFSET_1
[7:0]
0x04
0x04
V_OFFSET_x
(x =
channel 1~4 )
: V offset value is adjustable up to ± 7. V offset consists of 2's complements.
0x51
V_OFFSET_2
0x52
V_OFFSET_3
0001
:
+ 1
1000
:
- 8
0111
:
+ 7
1111
:
- 1
0x53
V_OFFSET_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com