Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 11 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 11 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 12Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 13Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 14Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 15Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
9/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2. AHD2.0 RX
NVP6124 is 4 Channels AHD2.0 RX and delivers high quality images. It accepts separates 4
CVBS/COMET/AHD1.0/AHD2.0 inputs from Camera and the other video signal sources.
It digitizes and decodes NTSC/PAL/COMET/AHD1.0/AHD2.0 video formats into digital components
video which represents 8-bit ITU-R BT.656/1120(like) 4:2:2 format with 27/36/37.125MHz,
54/72/74.25MHz and 108/144/148.5MHz multiplexed. 54/72/74.25/108/144/148.5MHz multiplexed
function will be available, because It built in Clock PLL.
NVP6124 includes 4 Channels analog processing circuit that comprise anti-aliasing filter, ADC,
CLAMP, Equalizer filter. It shows the best picture quality adopted by high performance adaptive
comb filter and vertical peaking filter. It also supports programmable Saturation, Hue, Brightness
and Contrast and several function such as CTI, Programmable peaking filter, various compensation
filters.
2.1. Functional Overview
The AHD2.0 RX separates luminance and chrominance signals from CVBS/COMET/AHD1.0
/AHD2.0.
Figure 2.1 show the block diagram of the NVP6124 Video processing.
Analog
CLAMP
&
Equalizer
filter
I2C
Genlock
YCS
Luma
Processing
Chroma
Processing
Output
Formatter
Anti
Aliasing
Filter
ADC
CVBS/
COMET/
AHD1.0/
AHD2.0
CLK
BT.656 /
BT.1120(like)
Figure 2.1. AHD2.0 RX Video Processing of NVP6124
The First step to decode CVBS/COMET/AHD1.0/AHD2.0 is to digitize the entire video signal
using an A/D converter (ADC). Video inputs are usually AC-coupled and have a 75 Ohm AC and
DC input impedance. As a result, the video signal must be DC restored every scan line during
horizontal sync to position the sync tips at known voltage level using the AGC/CLAMP logic. The
video signal also is low-pass filtered in Anti aliasing Filter to remove any high-frequency
components that may result in aliasing.
Vertical sync and horizontal sync information are recovered in Genlock block. When composite
video signal is decoded, the luminance and chrominance are separated by YCS(Y/C Separator).
The quality of decoded image is strongly dependent on the signal quality of separated Y and C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com