Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 13 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 13 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 12Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 13Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 14Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 15Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 16Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 17Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
11/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.3. Analog Front End (CLAMP, PGA, Anti-aliasing Filter)
NVP6124 includes 4 Channel Analog Processing circuit that comprise anti-aliasing filter, ADC,
PGA and CLAMP. Because its design is dedicated for video application, Analog Processing
circuit does not require external reference circuit. External coupling capacitance only is needed
for NVP6124. Figure 2.2 demonstrates the bode plot of Anti-aliasing Filter. Anti-aliasing Filter is
controlled by Register and include bypass mode that
don’t have AFE filtering.
Figure 2.2. Anti-aliasing Filter characteristic
2.4. Genlock (Robust Sync Detection, Robust No-Video Detection)
NVP6124 provides a fully digital Genlocking circuitry. The digital Genlocking Circuitry use the
locking method of the timing control signals such as horizontal sync, vertical sync, and the color
subcarrier.
NVP6124 uses the proprietary Genlock mechanism for video application system.
It supports very Robust Sync Detection & Robust No-Video Detection, and it is also showed
reliable operation in Non-standard signal and Weak-signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com