Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 20 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 20 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 16Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 17Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 18Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 19Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 20Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 21Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 22Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 23Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 24Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
18/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.9.2.2
1080P@ 30P, 25P H/V Timing
FF
00
00
XY
10
80
C
B
0
Y
0
C
R
0
Y
1
C
B
2
Y
2
C
R
2
Y
3
C
R
959
Y
1919
FF
00
00
XY
FF
H Blank Signal
EAV Code
Blanking
SAV Code
Start of Digital Line
Start of Digital Active Line
4
552 / 1432
4
3840
4400 / 5280
Next
Line
4:2:2
Digital
Video
CH1
DATA
10
80
10
80
CH1 CLK
@148.5MHz
Figure 2.10. 1080P@30P,25P Horizontal Timing Diagram
Figure 2.11. 1080P@30P,25P Vertical Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com