Electronic Components Datasheet Search
  English  ▼

X  

VC0738 Datasheet(PDF) 8 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 8 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 4Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 5Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 6Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 7Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 8Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 9Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 10Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 11Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 12Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
6/125
4-CH AHD2.0 RX and 9-CH Audio Codec
1. Pin Information
1.1 Pin Assignments
94
93
92
91
90
89
88
87
96
95
86
85
84
83
82
81
80
79
78
74
73
72
71
70
69
67
68
76
75
65
66
77
3
4
5
6
7
8
9
10
1
2
11
12
13
14
15
16
17
18
19
23
24
25
26
27
28
29
30
21
22
31
32
20
NVP6124
128eTQFP_14x14
VDD3A
VIN4
COAX_2
COAX_3
COAX_4
VDD3A
VIN3
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
VDD3D
GND
GND
GND
SDA
VDD1D
VDO4_4
MPP4
VDO4_7
VDO4_2
MPP1
VDO4_6
VDO4_5
SA0
SA1
VDO4_1
RSTB
TEST
VDO4_0
VDD1D
VCLK4
ADATA_CASO
VDO4_3
ADATA_REC
ASYNC_REC
IRQ
SCL
ADATA_SP
GND
GND
GND
GND
GND
GND
GND
GND
VDD3A
: Analog 3.3V
VDD3D
: Digital 3.3V
VDD1D : Digital 1.2V
VIN1
VIN2
N.C
VSSA
VSSA
VDD3A
VDO1_7
VDO1_4
VDO1_6
VDO1_5
VDO1_2
VDO1_3
VDO1_1
VDO1_0
VCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com