Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 2 Page - Texas Instruments

  CC1312PSIP Datasheet HTML 1Page - Texas Instruments CC1312PSIP Datasheet HTML 2Page - Texas Instruments CC1312PSIP Datasheet HTML 3Page - Texas Instruments CC1312PSIP Datasheet HTML 4Page - Texas Instruments CC1312PSIP Datasheet HTML 5Page - Texas Instruments CC1312PSIP Datasheet HTML 6Page - Texas Instruments CC1312PSIP Datasheet HTML 7Page - Texas Instruments CC1312PSIP Datasheet HTML 8Page - Texas Instruments CC1312PSIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
2 Applications
• 868 and 902 to 928 MHz ISM and SRD systems 1
with down to 4 kHz of receive bandwidth
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system – smoke and heat detector,
fire alarm control panel (FACP)
– Video surveillance – IP network camera
– Elevators and escalators – elevator main
control panel for elevators and escalators
• Grid infrastructure
– Smart meters – water meter, gas meter,
electricity meter, and heat cost allocators
– Grid communications – wireless
communications – long-range sensor
applications
– EV Charging infrastructure – AC charging (pile)
station
– Solar Energy - Micro inverter
– Other alternative energy – energy harvesting
• Industrial transport – asset tracking
• Factory automation and control
• Medical
• Communication equipment
– Wired networking – wireless LAN or Wi-Fi
access points, edge router
3 Description
The SimpleLink™ CC1312PSIP device is an RF certified System-in-Package (SiP) Sub-1 GHz wireless
module supporting Wi-SUN®, Wireless M-Bus, IEEE 802.15.4, IPv6-enabled smart objects (6LoWPAN), mioty,
proprietary systems, including the TI 15.4-Stack. The CC1312PSIP microcontroller (MCU) is based on an Arm®
Cortex® M4F main processor and optimized for low-power wireless communication and advanced sensing in grid
infrastructure, building automation, retail automation and medical applications.
The CC1312PSIP has a low sleep current of 0.9 μA with RTC and 80KB RAM retention. In addition to the main
Cortex® M4F processor, the device also has an autonomous ultra-low power Sensor Controller CPU with fast
wake-up capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at average 1-μA
system current.
The CC1312PSIP has Low SER (Soft Error Rate) FIT (Failure-in-time) for long operational lifetime. Always-on
SRAM parity minimizes risk for corruption due to potential radiation events. Consistent with many customers’ 10
to 15 years or longer life cycle requirements, TI has a product life cycle policy with a commitment to product
longevity and continuity of supply including dual sourcing of key components in the SIP.
The CC1312PSIP device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth® Low
Energy, Thread, Zigbee, Wi-SUN®, Amazon Sidewalk, mioty, Sub-1 GHz MCUs, and host MCUs. CC1312PSIP
is part of a portfolio that includes pin-compatible 2.4-GHz SIPs for easy adaption of a wireless product
to multiple communication standards. The common SimpleLink Low Power F2 SDK and SysConfig system
configuration tool supports migration between devices in the portfolio. A comprehensive number of software
stacks, application examples and SimpleLink™ Academy training sessions are included in the SDK. For more
information, visit wireless connectivity.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
CC1312PSIPMOT
QFM
7.00 mm × 7.00 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section
13, or see the TI website.
1 See RF Core for additional details on supported protocol standards, modulation formats, and data rates.
CC1312PSIP
SWRS293 – NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com