Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 35Page - Texas Instruments CC1312PSIP Datasheet HTML 36Page - Texas Instruments CC1312PSIP Datasheet HTML 37Page - Texas Instruments CC1312PSIP Datasheet HTML 38Page - Texas Instruments CC1312PSIP Datasheet HTML 39Page - Texas Instruments CC1312PSIP Datasheet HTML 40Page - Texas Instruments CC1312PSIP Datasheet HTML 41Page - Texas Instruments CC1312PSIP Datasheet HTML 42Page - Texas Instruments CC1312PSIP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
8.16.4 RX Performance
Frequency [MHz]
863
864
865
866
867
868
869
870
-108.2
-108
-107.8
-107.6
-107.4
-107.2
-107
-106.8
-106.6
-106.4
Figure 8-12. Sensitivity vs. Frequency (50 kbps)
Temperature [°C]
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
100 110
-115
-114
-113
-112
-111
-110
-109
-108
-107
-106
-105
-104
-103
-102
Figure 8-13. Sensitivity vs. Temperature (50 kbps,
868.3 MHz)
Voltage [V]
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
-112
-111
-110
-109
-108
-107
-106
-105
-104
-103
Figure 8-14. Sensitivity vs. Supply Voltage (VDDS)
(50 kbps, 868.3 MHz)
Frequency [MHz]
-10
-8
-6
-4
-2
0
2
4
6
8
10
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Figure 8-15. Selectivity vs. Frequency Offset (50
kbps, 868.3 MHz)
Figure 8-16. PER vs. Level vs. Frequency
(SimpleLink™ Long Range 5 kbps, 868 MHz)
Figure 8-17. 802.15.4, 50 kbps, ±25 kHz deviation,
2-GFSK, 100 kHz RX Bandwidth
www.ti.com
CC1312PSIP
SWRS293 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com