Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 9Page - Texas Instruments CC1312PSIP Datasheet HTML 10Page - Texas Instruments CC1312PSIP Datasheet HTML 11Page - Texas Instruments CC1312PSIP Datasheet HTML 12Page - Texas Instruments CC1312PSIP Datasheet HTML 13Page - Texas Instruments CC1312PSIP Datasheet HTML 14Page - Texas Instruments CC1312PSIP Datasheet HTML 15Page - Texas Instruments CC1312PSIP Datasheet HTML 16Page - Texas Instruments CC1312PSIP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
8.5 Power Consumption - Power Modes
When measured on the CC1312PSIP-EM reference design with Tc = 25 °C, VDDS = 3.6 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Core Current Consumption
Icore
Reset
Reset. RESET_N pin asserted or VDDS below power-on-reset threshold (4)
36
µA
Shutdown
Shutdown. No clocks running, no retention
150
nA
Standby
without cache retention
RTC running, CPU, 80KB RAM and (partial) register retention.
RCOSC_LF
0.9
µA
RTC running, CPU, 80KB RAM and (partial) register retention
XOSC_LF
1.0
Standby
with cache retention
RTC running, CPU, 80KB RAM and (partial) register retention
XOSC_LF
2.8
µA
RTC running, CPU, 80KB RAM and (partial) register retention
XOSC_LF
2.9
Idle
Supply Systems and RAM powered
RCOSC_HF
590
µA
Icore
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
2.89
mA
Peripheral Current Consumption
Iperi
Peripheral power
domain
Delta current with domain enabled
82
µA
Serial power domain
Delta current with domain enabled
5.5
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
179
µDMA
Delta current with clock enabled, module is idle
54
Timers
Delta current with clock enabled, module is idle(3)
68
I2C
Delta current with clock enabled, module is idle
8.2
I2S
Delta current with clock enabled, module is idle
22
SSI
Delta current with clock enabled, module is idle(2)
70
UART
Delta current with clock enabled, module is idle(1)
141
CRYPTO (AES)
Delta current with clock enabled, module is idle
21
PKA
Delta current with clock enabled, module is idle
71
TRNG
Delta current with clock enabled, module is idle
30
Sensor Controller Engine Consumption
ISCE
Active mode
24 MHz, infinite loop
808
µA
Low-power mode
2 MHz, infinite loop
30.1
(1)
Only one UART running
(2)
Only one SSI running
(3)
Only one GPTimer running
(4)
CC1312PSIP integrates a 100 kΩ pull-up resistor on nRESET
www.ti.com
CC1312PSIP
SWRS293 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com