Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 23 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 19Page - Texas Instruments CC1312PSIP Datasheet HTML 20Page - Texas Instruments CC1312PSIP Datasheet HTML 21Page - Texas Instruments CC1312PSIP Datasheet HTML 22Page - Texas Instruments CC1312PSIP Datasheet HTML 23Page - Texas Instruments CC1312PSIP Datasheet HTML 24Page - Texas Instruments CC1312PSIP Datasheet HTML 25Page - Texas Instruments CC1312PSIP Datasheet HTML 26Page - Texas Instruments CC1312PSIP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
8.13 861 MHz to 1054 MHz - PLL Phase Noise Narrowband Mode
When measured on the reference design with Tc = 25 °C, VDDS = 3.0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Phase noise in the 868- and 915-MHz bands
150 kHz PLL loop bandwith
±10 kHz offset
–93
dBc/Hz
±100 kHz offset
–93
dBc/Hz
±200 kHz offset
–95
dBc/Hz
±400 kHz offset
–104
dBc/Hz
±1000 kHz offset
–121
dBc/Hz
±2000 kHz offset
–130
dBc/Hz
±10000 kHz offset
–140
dBc/Hz
8.14 Timing and Switching Characteristics
8.14.1 Reset Timing
PARAMETER
MIN
TYP
MAX
UNIT
RESET_N low duration
1
µs
8.14.2 Wakeup Timing
Measured over operating free-air temperature with VDDS = 3.0 V (unless otherwise noted). The times listed here do not
include software overhead.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCU, Reset to Active(1)
850 - 4000
µs
MCU, Shutdown to Active(1)
850 - 4000
µs
MCU, Standby to Active
165
µs
MCU, Active to Standby
39
µs
MCU, Idle to Active
15
µs
(1)
The wakeup time is dependent on remaining charge on VDDR capacitor when starting the device, and thus how long the device has
been in Reset or Shutdown before starting up again.
8.14.3 Clock Specifications
8.14.3.1 48 MHz Crystal Oscillator (XOSC_HF) and RF frequency accuracy
The module contains a 48 MHz crystal that is connected to the oscillator. The crystal is calibrated in production and the
RF frequency is temperature compensated in software see Clock Systems for more information. Measured on a Texas
Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
Crystal oscillator start-up time(1)
200
µs
48 MHz initial frequency accuracy at 25°
-5
2
5
ppm
48 MHz frequency stability, temperature drift -40° to 105°
-16
18
ppm
Crystal aging, 5 years
-2
2
ppm
Crystal aging, 10 years
-4
2
ppm
RF Frequency accuracy including internal software compensated temperature
drift, excluding aging, -40° to 65°. Based on estimated crystal drift across
temperature from the crystal manufacturer's specification
-10
10
ppm
(1)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
8.14.3.2 48 MHz RC Oscillator (RCOSC_HF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1
%
Calibrated frequency accuracy(1)
±0.25
%
www.ti.com
CC1312PSIP
SWRS293 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com