Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 35 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 31Page - Texas Instruments CC1312PSIP Datasheet HTML 32Page - Texas Instruments CC1312PSIP Datasheet HTML 33Page - Texas Instruments CC1312PSIP Datasheet HTML 34Page - Texas Instruments CC1312PSIP Datasheet HTML 35Page - Texas Instruments CC1312PSIP Datasheet HTML 36Page - Texas Instruments CC1312PSIP Datasheet HTML 37Page - Texas Instruments CC1312PSIP Datasheet HTML 38Page - Texas Instruments CC1312PSIP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
8.16 Typical Characteristics
All measurements in this section are done with Tc = 25 °C and VDDS = 3.0 V, unless otherwise noted. See
Recommended Operating Conditions for device limits. Values exceeding these limits are for reference only.
8.16.1 MCU Current
Voltage [V]
Active Current vs. VDDS
Running CoreMark, SCLK_HF = 48 MHz RCOSC
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3
3.5
4
4.5
5
5.5
6
D001
Figure 8-4. Active Mode (MCU) Current vs. Supply
Voltage (VDDS) (Running CoreMark, SCLK_HF = 48
MHz RCOSC)
Temperature [°C]
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110
0
1
2
3
4
5
6
7
8
9
10
11
12
Figure 8-5. Standby Mode (MCU) Current vs.
Temperature (80kB RAM retention, no Cache
retention, RTC On SCLK_LF = 32 kHz XOSC)
Temperature [°C]
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110
0
1
2
3
4
5
6
7
8
9
10
11
12
Figure 8-6. Standby Mode (MCU) Current vs. Temperature, 80kB RAM retention, no Cache retention,
RTC On SCLK_LF = 32 kHz XOSC, VDDS = 3.6 V
www.ti.com
CC1312PSIP
SWRS293 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com