Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 4 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 4 Page - Texas Instruments

  CC1312PSIP Datasheet HTML 1Page - Texas Instruments CC1312PSIP Datasheet HTML 2Page - Texas Instruments CC1312PSIP Datasheet HTML 3Page - Texas Instruments CC1312PSIP Datasheet HTML 4Page - Texas Instruments CC1312PSIP Datasheet HTML 5Page - Texas Instruments CC1312PSIP Datasheet HTML 6Page - Texas Instruments CC1312PSIP Datasheet HTML 7Page - Texas Instruments CC1312PSIP Datasheet HTML 8Page - Texas Instruments CC1312PSIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
Main CPU
Up to
352KB
Flash
with 8KB
Cache
Sensor Interface
cJTAG
Up to
80KB
SRAM
with Parity
Arm
® Cortex®-M4F
Processor
LDO, Clocks, and References
Optional DC/DC Converter
RF Core
Arm
® Cortex®-M0
Processor
DSP Modem
16KB
SRAM
ROM
ULP Sensor Controller
Low-Power Comparator
12-bit ADC, 200 ks/s
Constant Current Source
SPI-I
2C Digital Sensor IF
4KB SRAM
Time-to-Digital Converter
ADC
ADC
48 MHz
60 µA/MHz (3.6 V)
Digital PLL
256KB
ROM
4× 32-bit Timers
2× SSI (SPI)
Watchdog Timer
Temperature and
Battery Monitor
RTC
I
2C and I2S
2× UART
32 ch. µDMA
32 GPIOs
AES-256, SHA2-512
ECC, RSA
TRNG
50 Ohm
Sensor Interface
ULP Sensor Controller
2x Low-Power Comparator
12-bit ADC, 200 ks/s
Capacitive Touch IF
SPI-I
2C Digital Sensor IF
4KB SRAM
Time-to-Digital Converter
8-bit DAC
14-dBm
RF Balun
CC1312PSIP
RF Switch
20-dBm
RF Balun
General Hardware Peripherals and Modules
48-MHz
Crystal with load
capacitors
32.768-kHz
Crystal with load
capacitos
DC/DC
Components
Decoupling
capacitors
Figure 4-2. CC1312PSIP Hardware Overview
CC1312PSIP
SWRS293 – NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com