Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 17Page - Texas Instruments CC1312PSIP Datasheet HTML 18Page - Texas Instruments CC1312PSIP Datasheet HTML 19Page - Texas Instruments CC1312PSIP Datasheet HTML 20Page - Texas Instruments CC1312PSIP Datasheet HTML 21Page - Texas Instruments CC1312PSIP Datasheet HTML 22Page - Texas Instruments CC1312PSIP Datasheet HTML 23Page - Texas Instruments CC1312PSIP Datasheet HTML 24Page - Texas Instruments CC1312PSIP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
8.11 861 MHz to 1054 MHz - Transmit (TX)
Measured on the CC1312PSIP-EM reference design with Tc = 25 °C, VDDS = 3.0 V with DC/DC enabled and high power PA
connected to VDDS using 2-GFSK, 50 kbps, ±25 kHz deviation unless otherwise noted.
All measurements are performed at the antenna input. All measurements are performed conducted. (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
General parameters
Max output power, boost mode
Regular PA
VDDR = 1.95 V
Minimum supply voltage (VDDS ) for boost
mode is 2.1 V
915 MHz
14
dBm
Max output power,
Regular PA
868 MHz and 915 MHz
12.4
dBm
Max output power, High power PA
915 MHz
VDDS = 3.3V
20
dBm
Output power programmable range
Regular PA
868 MHz and 915 MHz
34
dB
Output power programmable range
High power PA
868 MHz and 915 MHz
VDDS = 3.3V
6
dB
Output power variation over temperature
Regular PA
+10 dBm setting
Over recommended temperature operating
range
±2
dB
Output power variation over temperature
Boost mode, regular PA
+14 dBm setting
Over recommended temperature operating
range
±1.5
dB
Spurious emissions and harmonics
Spurious emissions
(excluding harmonics)
Regular PA (1)
30 MHz to 1 GHz
+14 dBm setting
ETSI restricted bands
< -54
dBm
+14 dBm setting
ETSI outside restricted bands
< -36
dBm
1 GHz to 12.75 GHz
(outside ETSI restricted bands)
+14 dBm setting
measured in 1 MHz bandwidth (ETSI)
< -30
dBm
Spurious emissions out-
of-band
Regular PA, 915 MHz (1)
30 MHz to 88 MHz
(within FCC restricted bands)
+14 dBm setting
< -56
dBm
88 MHz to 216 MHz
(within FCC restricted bands)
+14 dBm setting
< -52
dBm
216 MHz to 960 MHz
(within FCC restricted bands)
+14 dBm setting
< -50
dBm
960 MHz to 2390 MHz and above
2483.5 MHz (within FCC restricted
band)
+14 dBm setting
<-42
dBm
1 GHz to 12.75 GHz
(outside FCC restricted bands)
+14 dBm setting
< -40
dBm
Spurious emissions out-
of-band
High power PA, 915
MHz(1)
30 MHz to 88 MHz
(within FCC restricted bands)
+20 dBm setting, VDDS = 3.3 V
< -55
dBm
88 MHz to 216 MHz
(within FCC restricted bands)
+20 dBm setting, VDDS = 3.3 V
< -52
dBm
216 MHz to 960 MHz
(within FCC restricted bands)
+20 dBm setting, VDDS = 3.3 V
< -49
dBm
960 MHz to 2390 MHz and above
2483.5 MHz (within FCC restricted
band)
+20 dBm setting, VDDS = 3.3 V
< -41
dBm
1 GHz to 12.75 GHz
(outside FCC restricted bands)
+20 dBm setting, VDDS = 3.3 V
< -20
dBm
www.ti.com
CC1312PSIP
SWRS293 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com