Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 60 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 56Page - Texas Instruments CC1312PSIP Datasheet HTML 57Page - Texas Instruments CC1312PSIP Datasheet HTML 58Page - Texas Instruments CC1312PSIP Datasheet HTML 59Page - Texas Instruments CC1312PSIP Datasheet HTML 60Page - Texas Instruments CC1312PSIP Datasheet HTML 61Page - Texas Instruments CC1312PSIP Datasheet HTML 62Page - Texas Instruments CC1312PSIP Datasheet HTML 63Page - Texas Instruments CC1312PSIP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
10.3.2.1 Antenna Placement and Routing
The antenna is the element used to convert the guided waves on the PCB traces to the free space
electromagnetic radiation. The placement and layout of the antenna are the keys to increased range and data
rates. Table 10-2 provides a summary of the antenna guidelines to follow with the CC1312PSIPmodule.
Table 10-2. Antenna Guidelines
SR NO.
GUIDELINES
1
Place the antenna on an edge of the PCB.
2
Ensure that no signals are routed across the antenna elements on any PCB layer.
3
Most antennas, including the PCB antenna used on the LaunchPad™, require ground
clearance on all the layers of the PCB. Ensure that the ground is cleared on inner layers
as well.
4
Ensure that there is provision to place matching components for the antenna. These
must be tuned for best return loss when the complete board is assembled. Any plastics
or casing must also be mounted while tuning the antenna because this can impact the
impedance.
5
Ensure that the antenna characteristic impedance is 50-Ω as the module is designed for a
50-Ω system.
6
In case of printed antenna, ensure that the simulation is performed considering the
soldermask thickness.
7
For good RF performance ensrue that the Voltge Standing Wave Ration (VSWR) is less
than 2 across the frequency band of interest.
9
The feed point of the antenna is required to be grounded. This is only for the antenna type
used on theLP-EM-CC1312PSIP LaunPad™. See the specific antenna data sheets for the
recommendations.
Table 10-3 lists the recommended antennas to use with the CC1312PSIP module. Other antennas may be
available for use with the CC1312PSIPmodule. Please refer to the CC1312PSIP Manual Information for the End
User and OEM Installation Guide for a list of approved antennas (and antenna types) that can be used with the
CC1312PSIP module.
Table 10-3. Recommended Antennas
CHOICE
ANTENNA
MANUFACTURER
NOTES
1
Integrated PCB antenna
on the LP-EM-
CC1312PSIP
Texas Instruments
+2.7 dBi gain at 915 MHz, see the LP-EM-CC1312PSIP
refference design
3
External whip antenna
Pulse, W5017
+0.9 dBi gain at 915 MHz
4
Chip antenna
Johanson Technology,
0900AT43A0070
-0.5 dBi gain at 915 MHz
5
Chip antenna
Johanson Technology,
0915AT43A0026
+1.0 dBi gain at 915 MHz
6
Helical wire antenna
Pulse, W3113
+0.8 dBi gain at 915 MHz
CC1312PSIP
SWRS293 – NOVEMBER 2023
www.ti.com
60
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com