Electronic Components Datasheet Search
  English  ▼

X  

CC1312PSIP Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1312PSIP
Description  CC1312PSIP SimpleLink™ Sub-1-GHz Wireless System-in-Package
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1312PSIP Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1312PSIP Datasheet HTML 20Page - Texas Instruments CC1312PSIP Datasheet HTML 21Page - Texas Instruments CC1312PSIP Datasheet HTML 22Page - Texas Instruments CC1312PSIP Datasheet HTML 23Page - Texas Instruments CC1312PSIP Datasheet HTML 24Page - Texas Instruments CC1312PSIP Datasheet HTML 25Page - Texas Instruments CC1312PSIP Datasheet HTML 26Page - Texas Instruments CC1312PSIP Datasheet HTML 27Page - Texas Instruments CC1312PSIP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF)
8.14.3.3 2 MHz RC Oscillator (RCOSC_MF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
2
MHz
Start-up time
5
µs
8.14.3.4 32.768 kHz Crystal Oscillator (XOSC_LF) and RTC accuracy
The module contains a 32.768 kHz crystal that is connected to the oscillator. The RTC based on the 32.768 kHz crystal is
calibrated in production and is temperature compensated in software, see Clock Systems for more information. Measured on
a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Initial frequency accuracy at 25°
-20
20
ppm
32kHz crystal aging, first year
-3
3
ppm
Real Time Clock (RTC) accuracy using temperature compensation for the 32kHz xtal
(if enabled in software), excluding aging, -40° to 105° degrees. Based on estimated
crystal drift across temperature from the manufacturer's crystal specification.
-100
50
ppm
Real Time Clock (RTC) accuracy using temperature compensation for the 32kHz xtal
(if enabled in software), excluding aging, -40° to 65° degrees. Based on estimated
crystal drift across temperature from the manufacturer's crystal specification.
-50
50
ppm
8.14.3.5 32 kHz RC Oscillator (RCOSC_LF)
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
32.8
kHz
Calibrated
RTC
variation(1)
Calibrated periodically against XOSC_HF(2)
±600(3)
ppm
Temperature coefficient
50
ppm/°C
(1)
When using RCOSC_LF as source for the low frequency system clock (SCLK_LF), the accuracy of the SCLK_LF-derived Real Time
Clock (RTC) can be improved by measuring RCOSC_LF relative to XOSC_HF and compensating for the RTC tick speed. This
functionality is available through the TI-provided Power driver. Note that since the SIP module already contains a 32kHz crystal, using
the RCOSC_LF will be less relewant.
(2)
TI driver software calibrates the RTC every time XOSC_HF is enabled.
(3)
Some device's variation can exceed 1000 ppm. Further calibration will not improve variation.
CC1312PSIP
SWRS293 – NOVEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CC1312PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com