Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 1 Page - SMSC Corporation

  COM20019I-HT Datasheet HTML 1Page - SMSC Corporation COM20019I-HT Datasheet HTML 2Page - SMSC Corporation COM20019I-HT Datasheet HTML 3Page - SMSC Corporation COM20019I-HT Datasheet HTML 4Page - SMSC Corporation COM20019I-HT Datasheet HTML 5Page - SMSC Corporation COM20019I-HT Datasheet HTML 6Page - SMSC Corporation COM20019I-HT Datasheet HTML 7Page - SMSC Corporation COM20019I-HT Datasheet HTML 8Page - SMSC Corporation COM20019I-HT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
SMSC COM20019I
Page 1
Rev. 03-07-06
DATASHEET
COM20019I
Low Cost ARCNET
(ANSI 878.1)
Controller with 2K x 8
On-Board RAM
Datasheet
Product Features
New Features:
− Data Rates up to 312.5 Kbps
− Programmable Reconfiguration Times
28 Pin PLCC and 48 Pin TQFP Packages;
Green, Lead-free Packages also Available
Ideal for Industrial/Factory/Building Automation
and Transportation Applications
Deterministic, (ANSI 878.1), Token Passing
ARCNET Protocol
Minimal Microcontroller and Media Interface
Logic Required
Flexible Interface For Use With All
Microcontrollers or Microprocessors
Automatically Detects Type of Microcontroller
Interface
2Kx8 On-Chip Dual Port RAM
Command Chaining for Packet Queuing
Sequential Access to Internal RAM
Software Programmable Node ID
Eight, 256 Byte Pages Allow Four Pages TX and
RX Plus Scratch-Pad Memory
Next ID Readable
Internal Clock Scaler for Adjusting Network
Speed
Operating Temperature Range of -40
oC to +85oC
Self-Reconfiguration Protocol
Supports up to 255 Nodes
Supports Various Network Topologies (Star,
Tree, Bus...)
CMOS, Single +5V Supply
Duplicate Node ID Detection
Powerful Diagnostics
Receive All Packets Mode
Flexible Media Interface:
− RS485 Differential Driver Interface For Low Cost,
Low Power, High Reliability
ORDERING INFORMATION
Order Number(s):
COM20019ILJP for 28 pin PLCC package; COM20019I-DZD for 28 pin PLCC package (green, lead-free)
COM20019I-HD for 48 pin TQFP package; COM20019I-HT for 48 pin TQFP package (green, lead-free)


Similar Part No. - COM20019I-HT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I-HD SMSC-COM20019I-HD Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I-HD SMSC-COM20019I-HD Datasheet
454Kb / 81P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20019I-HT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019 SMSC-COM20019 Datasheet
454Kb / 81P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com