Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 29 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 29 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 25Page - SMSC Corporation COM20019I-HT Datasheet HTML 26Page - SMSC Corporation COM20019I-HT Datasheet HTML 27Page - SMSC Corporation COM20019I-HT Datasheet HTML 28Page - SMSC Corporation COM20019I-HT Datasheet HTML 29Page - SMSC Corporation COM20019I-HT Datasheet HTML 30Page - SMSC Corporation COM20019I-HT Datasheet HTML 31Page - SMSC Corporation COM20019I-HT Datasheet HTML 32Page - SMSC Corporation COM20019I-HT Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 29
Rev. 03-07-06
DATASHEET
BIT
BIT NAME
SYMBOL
DESCRIPTION
2
Tentative ID
TENTID
This bit, if high, indicates that a response to a token whose DID
matches the value in the Tentative ID Register has occurred.
The second DID and the trailing zero's are not checked. Since
each node sees every token passed around the network, this
feature can be used with the device on-line in order to build and
update a network map. Refer to the Improved Diagnostics
section for further detail.
1
New Next ID
NEW
NXTID
This bit, if high, indicates that the Next ID Register has been
updated and that a node has either joined or left the network.
Reading the Diagnostic Status Register does not clear this bit.
This bit, when set, will cause an interrupt if the corresponding bit
in the IMR is also set. The bit is cleared by reading the Next ID
Register.
1,0
(Reserved)
These bits are undefined.
Table 6.5 - Command Register
DATA
COMMAND
DESCRIPTION
0000 0000
Clear
Transmit
Interrupt
This command is used only in the Command Chaining
operation. Please refer to the Command Chaining section for
definition of this command.
0000 0001
Disable
Transmitter
This command will cancel any pending transmit command
(transmission that has not yet started) and will set the TA
(Transmitter Available) status bit to logic "1" when the
COM20019I next receives the token.
0000 0010
Disable
Receiver
This command will cancel any pending receive command. If the
COM20019I is not yet receiving a packet, the RI (Receiver
Inhibited) bit will be set to logic "1" the next time the token is
received. If packet reception is already underway, reception will
run to its normal conclusion.
b0fn n100
Enable
Receive to
Page fnn
This command allows the COM20019I to receive data packets
into RAM buffer page fnn and resets the RI status bit to logic
"0". The values placed in the "nn" bits indicate the page that the
data will be received into (page 0, 1, 2, or 3). If the value of "f"
is a logic "1", an offset of 256 bytes will be added to that page
specified in "nn", allowing a finer resolution of the buffer. Refer
to the Selecting RAM Page Size section for further detail. If the
value of "b" is logic "1", the device will also receive broadcasts
(transmissions to ID zero). The RI status bit is set to logic "1"
upon successful reception of a message.
00fn n011
Enable
Transmit from
Page fnn
This command prepares the COM20019I to begin a transmit
sequence from RAM buffer page fnn the next time it receives
the token. The values of the "nn" bits indicate which page to
transmit from (0, 1, 2, or 3). If "f" is logic "1", an offset of 256
bytes is the start of the page specified in "nn", allowing a finer
resolution of the buffer. Refer to the Selecting RAM Page Size
section for further detail. When this command is loaded, the TA
and TMA bits are reset to logic "0". The TA bit is set to logic "1"
upon completion of the transmit sequence. The TMA bit will
have been set by this time if the device has received an ACK
from the destination node. The ACK is strictly hardware level,
sent by the receiving node before its microcontroller is even
aware of message reception. Refer to Figure 1 for details of the
transmit sequence and its relation to the TA and TMA status
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com