Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 63 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 63 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 57Page - SMSC Corporation COM20019I-HT Datasheet HTML 58Page - SMSC Corporation COM20019I-HT Datasheet HTML 59Page - SMSC Corporation COM20019I-HT Datasheet HTML 60Page - SMSC Corporation COM20019I-HT Datasheet HTML 61Page - SMSC Corporation COM20019I-HT Datasheet HTML 62Page - SMSC Corporation COM20019I-HT Datasheet HTML 63Page - SMSC Corporation COM20019I-HT Datasheet HTML 64Page - SMSC Corporation COM20019I-HT Datasheet HTML 65Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 63
Rev. 03-07-06
DATASHEET
The Pre-Scalar is used to change the data rate. The output clock is selected by CKP3-1 bits in the Set-Up
register. The CKP3-1 bits are changed by writing the Set-Up register from outside the CPU. It's not
synchronized between the CPU and COM20019I. Thus, changing the CKP3-1 timing does not synchronize
with the internal clocks of Pre-Scalar, and changing CKP3-1 may cause spike noise to appear on the
output clock line.
Setting the EF bit will include flip-flops inserted between the Configuration register and Pre-Scalar for
synchronizing the CKP3-1 with Pre-Scalar’s internal clocks.
C)
Shorten The Write Interval Time To The Command Register
The COM20019I limits the write interval time for continuous writing to the Command register. The
minimum interval time is changed by the Data Rate. It's 800 nS at the 312.5 Kbps and 1.6
μS at the
156.25 Kbps. This 1.6
μS is very long for CPU.
Setting the EF bit will change the clock source from OSCK clock (8 times frequency of data rate) to XTAL
clock which is not changed by the data rate, such that the minimum interval time becomes 100 nS.
D)
Eliminate The Write Prohibition Period For The Enable Tx/Rx Commands
The COM20019I has a write prohibition period for writing the Enable Transmit/Receive Commands. This
period is started by the TA or RI bit (Status Reg.) returning to High. This prohibition period is caused by
setting the TA/RI bit with a pulse signal. It is 3.2
μS at 156.25 Kbps. This period may be a problem when
using interrupt processing. The interrupt occurs when the RI bit returns to High. The CPU writes the next
Enable Receive Command to the other page immediately. In this case, the interval time between the
interrupt and writing Command is shorter than 3.2
μS.
Setting the EF bit will cause the TA/RI bit to return to High upon release of the pulse signal for setting the
TA/RI bit, instead of at the start of the pulse. This is illustrated in Figure 10.1.
Tx/Rx completed
TA/RI bit
Setting Pulse
nINTR pin
prohibition period
EF=1
Tx/Rx completed
TA/RI bit
Setting Pulse
nINTR pin
EF=0
Figure 10.1 - EFFECT OF THE EB BIT ON THE TA/RI BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com