Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 46 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 46 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 42Page - SMSC Corporation COM20019I-HT Datasheet HTML 43Page - SMSC Corporation COM20019I-HT Datasheet HTML 44Page - SMSC Corporation COM20019I-HT Datasheet HTML 45Page - SMSC Corporation COM20019I-HT Datasheet HTML 46Page - SMSC Corporation COM20019I-HT Datasheet HTML 47Page - SMSC Corporation COM20019I-HT Datasheet HTML 48Page - SMSC Corporation COM20019I-HT Datasheet HTML 49Page - SMSC Corporation COM20019I-HT Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Rev. 03-07-06
Page 46
SMSC COM20019I
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low to High Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
and RXIN)
High to Low Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
and RXIN)
VILH
VIHL
1.8
1.2
V
V
Schmitt Trigger,
All Values at VDD
= 5V
Low Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
NTXEN)
High Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
nTXEN)
VOL1
VOH1
VOH1C
2.4
0.8 x VDD
0.4
V
V
ISINK=4mA
ISOURCE=-2mA
ISOURCE=-200µA
Low Output Voltage 2
(D0-D7)
High Output Voltage 2
(D0-D7)
VOL2
VOH2
2.4
0.4
V
V
ISINK=16mA
ISOURCE=-12mA
Low Output Voltage 3
(nINTR)
High Output Voltage 3
(nINTR)
VOL3
VOH3
2.4
0.8
V
V
ISINK=24mA
ISOURCE=-10mA
Low Output Voltage 4
(nPULSE1 in Open-Drain
Mode)
VOL4
0.5
V
ISINK=48mA
Open Drain Driver
Dynamic VDD Supply
Current
IDD
20
mA
312.5 Kbps
All Outputs Open
Input Pull-up Current
(nPULSE1 in Open-Drain
Mode, A1, AD0-AD2,
D3-D7)
Input Leakage Current
(All inputs except A1,
AD0-AD2, D3-D7,
XTAL1, XTAL2
IP
IL
80
200
±10
µA
µA
VIN=0.0V
VSS < VIN < VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com