Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 30Page - SMSC Corporation COM20019I-HT Datasheet HTML 31Page - SMSC Corporation COM20019I-HT Datasheet HTML 32Page - SMSC Corporation COM20019I-HT Datasheet HTML 33Page - SMSC Corporation COM20019I-HT Datasheet HTML 34Page - SMSC Corporation COM20019I-HT Datasheet HTML 35Page - SMSC Corporation COM20019I-HT Datasheet HTML 36Page - SMSC Corporation COM20019I-HT Datasheet HTML 37Page - SMSC Corporation COM20019I-HT Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
Rev. 03-07-06
Page 34
SMSC COM20019I
DATASHEET
Figure 6.1 -
SEQUENTIAL ACCESS OPERATION
6.3
INTERNAL RAM
The integration of the 2K x 8 RAM in the COM20019I represents significant real estate savings. The most
obvious benefit is the 48 pin package in which the device is now placed (a direct result of the integration of
RAM).
In addition, the PC board is now free of the cumbersome external RAM, external latch, and
multiplexed address/data bus and control functions which were necessary to interface to the RAM. The
integration of RAM represents significant cost savings because it isolates the system designer from the
changing costs of external RAM and it minimizes reliability problems, assembly time and costs, and layout
complexity.
6.3.1
Sequential Access Memory
The internal RAM is accessed via a pointer-based scheme. Rather than interfering with system memory,
the internal RAM is indirectly accessed through the Address High and Low Pointer Registers. The data is
Address Pointer Register
Low
2K x 8
RAM
11
Data Register
8
I/O Address 04H
I/O Address 03H
11-Bit Counter
Memory
Address Bus
Memory
Data Bus
D0-D7
High
I/O Address 02H
INTERNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com