Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 41 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 41 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 37Page - SMSC Corporation COM20019I-HT Datasheet HTML 38Page - SMSC Corporation COM20019I-HT Datasheet HTML 39Page - SMSC Corporation COM20019I-HT Datasheet HTML 40Page - SMSC Corporation COM20019I-HT Datasheet HTML 41Page - SMSC Corporation COM20019I-HT Datasheet HTML 42Page - SMSC Corporation COM20019I-HT Datasheet HTML 43Page - SMSC Corporation COM20019I-HT Datasheet HTML 44Page - SMSC Corporation COM20019I-HT Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 41
Rev. 03-07-06
DATASHEET
TRI bit and the interrupt. It is not necessary, however, to clear the bit or the interrupt right away because
the status of the receive operation is double buffered in order to retain the results of the first reception for
analysis by the processor, therefore the information will remain in the Status Register until the "Clear
Receive Interrupt" command is issued. Note that the interrupt will remain active until the "Clear Receive
Interrupt" command is issued, and the second interrupt will be stored until the first interrupt is
acknowledged.
A minimum of 200nS (at EF=1) interrupt inactive time interval between interrupts is
guaranteed.
The second reception will occur as soon as a second packet is sent to the node, as long as the second
"Enable Receive to Page fnn" command was issued. The operation is as if a new "Enable Receive to
Page fnn" command has just been issued.
After the first Receive status bits are cleared, the Status
Register will again be updated with the results of the second reception and a second interrupt resulting
from the second reception will occur.
In the COM20019I, the Receive Inhibit (RI) bit of the Interrupt Mask Register now masks only the TRI bit of
the Status Register, not the RI bit as in the non-chaining mode.
Since the TRI bit is only set upon
reception of a packet (not by RESET), and since the TRI bit may easily be reset by issuing a "Clear
Receive Interrupt" command, there is no need to use the RI bit of the Interrupt Mask Register to mask
interrupts generated by the TRI bit of the Status Register. In Command Chaining mode, the "Disable
Receiver" command will cancel the oldest reception, unless the reception has already begun.
If both
receptions should be canceled, two "Disable Receiver" commands should be issued.
6.6
RESET DETAILS
6.6.1
Internal Reset Logic
The COM20019I includes special reset circuitry to guarantee smooth operation during reset. Special care
is taken to assure proper operation in a variety of systems and modes of operation. The COM20019I
contains digital filter circuitry and a Schmitt Trigger on the nRESET signal to reject glitches in order to
ensure fault-free operation.
The COM20019I supports two reset options; software and hardware reset. A software reset is generated
when a logic "1" is written to bit 7 of the Configuration Register. The device remains in reset as long as
this bit is set. The software reset does not affect the microcontroller interface modes determined after
hardware reset, nor does it affect the contents of the Address Pointer Registers, the Configuration
Register, or the Setup1 Register. A hardware reset occurs when a low signal is asserted on the nRESET
input. The minimum reset pulse width is 5TXTL. This pulse width is used by the internal digital filter, which
filters short glitches to allow only valid resets to occur.
Upon reset, the transmitter portion of the device is disabled and the internal registers assume those states
outlined in the Internal Registers section. After the nRESET signal is removed the user may write to the
internal registers. Since writing a non-zero value to the Node ID Register wakes up the COM20019I core,
the Setup1 Register should be written before the Node ID Register. Once the Node ID Register is written
to, the COM20019I reads the value and executes two write cycles to the RAM buffer. Address 0 is written
with the data D1H and address 1 is written with the Node ID. The data pattern D1H was chosen arbitrarily,
and is meant to provide assurance of proper microsequencer operation.
6.7
INITIALIZATION SEQUENCE
6.7.1
Bus Determination
Writing to and reading from an odd address location from the COM20019I's address space causes the
COM20019I to determine the appropriate bus interface. When the COM20019I is powered on the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com