Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 33 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 33 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 29Page - SMSC Corporation COM20019I-HT Datasheet HTML 30Page - SMSC Corporation COM20019I-HT Datasheet HTML 31Page - SMSC Corporation COM20019I-HT Datasheet HTML 32Page - SMSC Corporation COM20019I-HT Datasheet HTML 33Page - SMSC Corporation COM20019I-HT Datasheet HTML 34Page - SMSC Corporation COM20019I-HT Datasheet HTML 35Page - SMSC Corporation COM20019I-HT Datasheet HTML 36Page - SMSC Corporation COM20019I-HT Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 33
Rev. 03-07-06
DATASHEET
BIT
BIT NAME
SYMBOL
DESCRIPTION
3,2,1
Clock Prescaler
Bits 3,2,1
CKP3,2,1
These bits are used to determine the data rate of the
COM20019I. The following table is for a 20 MHz crystal:
CKP3
0
1
CKP2
1
0
CKP1
1
0
DIVISOR
64
128
SPEED
312.5 Kbs
156.25 Kbs
Note: The lowest data rate achievable by the COM20019I
is 156.25 Kbs. Defaults to 011 or 312.5 Kbps.
0
Slow Arbitration
Select
SLOWARB
This bit, when set, will divide the arbitration clock by 2.
Memory cycle times will increase when slow arbitration is
selected.
Defaults to low.
Table 6.11 - Setup 2 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Bus Timing
Select
RBUSTMG This bit is used to Disable/Enable the High Speed CPU
Read function for High Speed CPU bus support.
RBUSTMG=0: Disable (Default), RBUSTMG=1: Enable. It
does not influence write operation. High speed CPU Read
operation is only for non-multiplexed bus.
6,5,4
Reserved
These bits are undefined.
3
Enhanced
Functions
EF
This bit is used to enable the new enhanced functions in the
COM20019I. EF = 0: Disable (Default), EF = 1: Enable. If
EF = 0, the timing and function is the same as in the
COM20020, Revision B. See appendix “A”. EF bit must be
‘1’ if the data rate is over 5Mbps.
EF bit should be ‘1’ for new design customers.
EF bit should be ‘0’ for replacement customers.
2
No Synchronous
NOSYNC
This bit is used to enable the SYNC command during
initialization. NOSYNC= 0, Enable (Default) The line must
be idle for the RAM initialization sequence to be written.
NOSYNC= 1, Disable:) The line does not have to be idle for
the RAM initialization sequence to be written. See appendix
“A”.
1,0
Reconfiguration
Timer 1, 0
RCNTM1,
0
These bits are used to program the reconfiguration timer as
a function of maximum node count. These bits set the time
out period of the reconfiguration timer as shown below. The
time out periods shown are for 312.5 Kbps.
RCNTM1
RCNTM0
Time Out
Period
Max Node Count
0
0
6.72 S
Up to 255 nodes
0
1
1.68 S
Up to 64 nodes
1
0
840 mS
Up to 32 nodes
1
1
420 mS*
Up to 16 nodes
Note*: The node ID value 255 must exist in the network for
420 mS timeout to be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com