Electronic Components Datasheet Search
  English  ▼

X  

COM20019I-HT Datasheet(PDF) 55 Page - SMSC Corporation

Part # COM20019I-HT
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I-HT Datasheet(HTML) 55 Page - SMSC Corporation

Back Button COM20019I-HT Datasheet HTML 51Page - SMSC Corporation COM20019I-HT Datasheet HTML 52Page - SMSC Corporation COM20019I-HT Datasheet HTML 53Page - SMSC Corporation COM20019I-HT Datasheet HTML 54Page - SMSC Corporation COM20019I-HT Datasheet HTML 55Page - SMSC Corporation COM20019I-HT Datasheet HTML 56Page - SMSC Corporation COM20019I-HT Datasheet HTML 57Page - SMSC Corporation COM20019I-HT Datasheet HTML 58Page - SMSC Corporation COM20019I-HT Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
SMSC COM20019I
Page 55
Rev. 03-07-06
DATASHEET
Figure 8.8 - NON-MULTIPLEXED BUS, 68XX-LIKE CONTROL SIGNALS; READ CYCLE
A0-A2
VALID DATA
VALID
D0-D7
nCS
t8
t1
t9
t3
t6
t4
t2
nDS
DIR
t5
t7
t10
t11
Note 2
Parameter
min
max
units
t1
t2
t3
t4
t5
t6
t7
-5
0
-5
0
nS
Address Setup to nDS Active
Address Hold from nDS Inactive
nCS Setup to nDS Active
nCS Hold from nDS Inactive
DIR Setup to nDS Active
Cycle Time (nDS Low to Next Time Low)
DIR Hold from nDS Inactive
4TARB
*+30
nS
nS
nS
nS
nS
nS
t8
nS
nDS Low to Valid Data
60**
t9
t10
t11
nS
nS
nS
nDS High to Data High Impedence
nDS Low Width
nDS High Width
20
10
10
0
100
30
CASE 2: RBUSTMG bit = 1
The Microcontroller typically accesses the COM20019 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20019 cycles.
Note 1:
**
t8 is measured from the latest active (valid) timing among nCS, nDS, A0-A2.
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. Same as the XTAL1 period.
Note 2:
Read cycle for Address Pointer Low/High Registers occurring after an access
to Data Register requires a minimum of 5TARB from the trailing edge of nDS to
the leading edge of the next nDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com