Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 29 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 29 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 25Page - SMSC Corporation COM20051ILJP Datasheet HTML 26Page - SMSC Corporation COM20051ILJP Datasheet HTML 27Page - SMSC Corporation COM20051ILJP Datasheet HTML 28Page - SMSC Corporation COM20051ILJP Datasheet HTML 29Page - SMSC Corporation COM20051ILJP Datasheet HTML 30Page - SMSC Corporation COM20051ILJP Datasheet HTML 31Page - SMSC Corporation COM20051ILJP Datasheet HTML 32Page - SMSC Corporation COM20051ILJP Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
SMSC DS – COM20051I
Page 29
Rev. 03/27/2000
Table 8 - Diagnostic Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
My
Reconfiguration
MY-
RECON
This bit, if high, indicates that a past reconfiguration was
caused by this node. It is set when the Lost Token Timer
times out, and is typically read following an interrupt
caused by RECON. Refer to the Improved Diagnostics
section for further detail.
6
Duplicate ID
DUPID
This bit, if high, indicates that the value in the Node ID
Register matches both Destination ID characters of the
token and a response to this token has occurred. The
EOT character and the trailing zero's are also verified. A
logic "1" on this bit indicates a duplicate Node ID, thus the
user should write a new value into the Node ID Register.
This bit is only useful for duplicate ID detection when
the device is off line, that is, when the transmitter is
off. When the device is on line it will be set every time the
device gets the token. This bit is reset automatically upon
reading the Diagnostic Status Register. Refer to the
Improved Diagnostics section for further detail.
5
Receive
Activity
RCVACT
This bit, if high, indicates that data activity (logic "1") was
detected on the RXIN pin of the device. Refer to the
Improved Diagnostics section for further detail.
4
Token Seen
TOKEN
This bit, if high, indicates that a token has been seen on
the network, sent by a node other than this one. Refer to
the Improved Diagnostic section for further detail.
3
Excessive NAK
EXCNAK
This bit, if high, indicates that either 128 or 4 Negative
Acknowledgements have occurred in response to the Free
Buffer Enquiry. This bit is cleared upon the "POR Clear
Flags" command. Reading the Diagnostic Status Register
does not clear this bit. This bit, when set, will cause an
interrupt if the corresponding bit in the IMR is also set.
Refer to the Improved Diagnostics section for further detail.
2
Tentative ID
TENTID
This bit, if high, indicates that a response to a token whose
DID matches the value in the Tentative ID Register has
occurred. In addition, the EOT character is checked. The
second DID and the trailing zero's are not checked. Since
each node sees every token passed around the network,
this feature can be used with the device on-line in order to
build and update a network map. Refer to the Improved
Diagnostics section for further detail.
1
New Next ID
NEW
NXTID
This bit, if high, indicates that the Next ID Register has
been updated and that a node has either joined or left the
network. Reading the Diagnostic Status Register does not
clear this bit. This bit, when set, will cause an interrupt if
the corresponding bit in the IMR is also set. The bit is
cleared by reading the Next ID Register.
1,0
(Reserved)
These bits are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com