Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 32 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 32 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 28Page - SMSC Corporation COM20051ILJP Datasheet HTML 29Page - SMSC Corporation COM20051ILJP Datasheet HTML 30Page - SMSC Corporation COM20051ILJP Datasheet HTML 31Page - SMSC Corporation COM20051ILJP Datasheet HTML 32Page - SMSC Corporation COM20051ILJP Datasheet HTML 33Page - SMSC Corporation COM20051ILJP Datasheet HTML 34Page - SMSC Corporation COM20051ILJP Datasheet HTML 35Page - SMSC Corporation COM20051ILJP Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
SMSC DS – COM20051I
Page 32
Rev. 03/27/2000
Table 12 - Configuration Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer
distances than the default maximum 4 miles by
controlling the Response, Idle, and Reconfiguration
Times. All nodes should be configured with the same
timeout values for proper network operation. The bit
combinations follow.
2.5 Mbps
operation
Response
Idle Time
Reconfig
ET2
ET1
Time ("S)
("S)
Time (mS)
0
0
1193.6
1312
1680
0
1
596.8
656
1680
1
0
298.4
328
1680
1
1
74.7
82
840
5 Mbps
operation
Response
Idle Time
Reconfig
ET2
ET1
Time ("S)
("S)
Time (mS)
0
0
596.8
656
840
0
1
298.4
328
840
1
0
74.7
82
840
1
1
37.35
41
420
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane
Mode signalling which is used for Open Drain and
Differential Driver interfaces.
1,0
Sub
Address 1,0
SUBAD 1,0
These bits determine which register at address 07 may
be accessed. The combinations are as follows:
SUBAD1
SUBAD0
Register
0
0
Tentative ID
0
1
Node ID
1
0
Setup
1
1
Next ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com