Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 37 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 37 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 33Page - SMSC Corporation COM20051ILJP Datasheet HTML 34Page - SMSC Corporation COM20051ILJP Datasheet HTML 35Page - SMSC Corporation COM20051ILJP Datasheet HTML 36Page - SMSC Corporation COM20051ILJP Datasheet HTML 37Page - SMSC Corporation COM20051ILJP Datasheet HTML 38Page - SMSC Corporation COM20051ILJP Datasheet HTML 39Page - SMSC Corporation COM20051ILJP Datasheet HTML 40Page - SMSC Corporation COM20051ILJP Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
SMSC DS – COM20051I
Page 37
Rev. 03/27/2000
the receiving node to reply to the transmitting node. The ARCNET core puts the local ID in this location, therefore
it is not necessary to write into this location.
Please note that a short packet may contain between 1 and 253 data bytes, while a long packet may contain between
257 and 507 data bytes. A minimum value of 257 exists on a long packet so that the COUNT is expressable in eight
bits. This leaves three exception packet lengths which do not fit into either a short or long packet; packet lengths of
254, 255, or 256 bytes. If packets of these lengths must be sent, the user must add dummy bytes to the packet in
order to make the packet fit into a long packet. Note that only the number of bytes specified in the byte count plus the
three-byte header are transmitted. For example, if the byte count is equal to 253, only three bytes of data will be
transmitted plus the header (SID, DID, Byte Count) for a total of six bytes.
Once the packet is written into the buffer, the microcontroller awaits a logic "1" on the TA bit, indicating that a
previous transmit command has concluded and another may be issued. Each time the message is loaded and a
transmit command issued, it will take a variable amount of time before the message is transmitted, depending on the
traffic on the network and the location of the token at the time the transmit command was issued. The conclusion of
the Transmit command will generate an interrupt if the Interrupt Mask allows it. If the device is configured for the
Command Chaining operation, please see the Command Chaining section for further detail on the transmit sequence.
Once the TA bit becomes a logic "1", the microcontroller may issue the "Enable Transmit from Page fnn" command,
which resets the TA and TMA bits to logic "0".
If the message is not a BROADCAST, the ARCNET core
automatically sends a FREE BUFFER ENQUIRY to the destination node in order to send the message. At this point,
one of four possibilities may occur.
The first possibility is if a free buffer is available at the destination node, in which case it responds with an
ACKnowledgement. At this point, the ARCNET core fetches the data from the Transmit Buffer and performs the
transmit sequence. If a successful transmit sequence is completed, the TMA bit and the TA bit are set to logic "1". If
the packet was not transmitted successfully, TMA will not be set.
A successful transmission occurs when the
receiving node responds to the packet with an ACK. An unsuccessful transmission occurs when the receiving node
does not respond to the packet.
The second possibility is if the destination node responds to the Free Buffer Enquiry with a Negative
AcKnowledgement. A NAK occurs when the RI bit of the destination node is a logic "1". In this case, the token is
passed on from the transmitting node to the next node. The next time the transmitter receives the token, it will again
transmit a FREE BUFFER ENQUIRY. If a NAK is again received, the token is again passed onto the next node. The
Excessive NAK bit of the Diagnostic Status Register is used to prevent an endless sending of FBE's and NAK's. If no
limit of FBE-NAK sequences existed, the transmitting node would continue issuing a Free Buffer Enquiry, even
though it would continuously receive a NAK as a response. The EXCNAK bit generates an interrupt (if enabled) in
order to tell the microcontroller to disable the transmitter via the "Disable Transmitter" command. This causes the
transmission to be abandoned and the TA bit to be set to a logic "1" when the node next receives the token, while the
TMA bit remains at a logic "0". Please refer to the Improved Diagnostics section for further detail on the EXCNAK bit.
The third possibility which may occur after a FREE BUFFER ENQUIRY is issued is if the destination node does not
respond at all. In this case, the TA bit is set to a logic "1", while the TMA bit remains at a logic "0". The user should
determine whether the node should try to reissue the transmit command.
The fourth possibility is if a non-traditional response is received (some pattern other than ACK or NAK, such as
noise). In this case, the token is not passed onto the next node, which causes the Lost Token Timer of the next node
to time out, thus generating a network reconfiguration.
The "Disable Transmitter" command may be used to cancel any pending transmit command when the ARCNET core
next receives the token. Normally, in an active network, this command will set the TA status bit to a logic "1" when the
token is received. If the "Disable Transmitter" command does not cause the TA bit to be set in the time it takes the
token to make a round trip through the network, one of three situations exists. Either the node is disconnected from
the network, or there are no other nodes on the network, or the external receive circuitry has failed. These situations
can be determined by either using the improved diagnostic features of the ARCNET core or using another software
timeout which is greater than the worst case time for a round trip token pass, which occurs when all nodes transmit a
maximum length message.
Receive Sequence
A receive sequence begins with the RI status bit becoming a logic "1", which indicates that a previous reception has
concluded. The microcontroller will be interrupted if the corresponding bit in the Interrupt Mask Register is set to logic
"1". Otherwise, the microcontroller must periodically check the Status Register. Once the microcontroller is alerted to
the fact that the previous reception has concluded, it may issue the "Enable Receive to Page fnn" command, which
resets the RI bit to logic "0" and selects a new page in the RAM buffer. Again, the appropriate buffer size is specified
in the "Define Configuration" command. Typically, the page which just received the data packet will be read by the
microcontroller at this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com