Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 35Page - SMSC Corporation COM20051ILJP Datasheet HTML 36Page - SMSC Corporation COM20051ILJP Datasheet HTML 37Page - SMSC Corporation COM20051ILJP Datasheet HTML 38Page - SMSC Corporation COM20051ILJP Datasheet HTML 39Page - SMSC Corporation COM20051ILJP Datasheet HTML 40Page - SMSC Corporation COM20051ILJP Datasheet HTML 41Page - SMSC Corporation COM20051ILJP Datasheet HTML 42Page - SMSC Corporation COM20051ILJP Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
SMSC DS – COM20051I
Page 39
Rev. 03/27/2000
Transmit Command Chaining
When the microcontroller issues the first "Enable Transmit to Page fnn" command, the ARCNET core responds in the
usual manner by resetting the TA and TMA bits to prepare for the transmission from the specified page. The TA bit
can be used to see if there is currently a transmission pending, but the TA bit is really meant to be used in the non-
chaining mode only. The TTA bits provide the relevant information for the device in the Command Chaining mode.
In the Command Chaining Mode, at any time after the first command is issued, the processor can issue a second
"Enable Transmit from Page fnn" command. The ARCNET core stores the fact that the second transmit command
was issued, along with the page number.
After the first transmission is completed, the ARCNET core updates the Status Register by setting the TTA bit, which
generates an interrupt. The interrupt service routine should read the Status Register. At this point, the TTA bit will be
found to be a logic "1" and the TMA (Transmit Message Acknowledge) bit will tell the processor whether the
transmission was successful. After reading the Status Register, the "Clear Transmit Interrupt" command is issued,
FIGURE 12 – COMMAND CHAINING STATUS REGISTER QUEUE
thus resetting the TTA bit and clearing the interrupt.
Note that only the "Clear Transmit Interrupt" command will
clear the TTA bit and the interrupt. It is not necessary, however, to clear the bit or the interrupt right away because
the status of the transmit operation is double buffered in order to retain the results of the first transmission for analysis
by the processor. This information will remain in the Status Register until the "Clear Transmit Interrupt" command is
issued. Note that the interrupt will remain active until the command is issued, and the second interrupt will not occur
until the first interrupt is acknowledged. The ARCNET core guarantees a minimum of 200nS interrupt inactive time
interval between interrupts. The TMA bit is also double buffered to reflect whether the appropriate transmission was
a success. The TMA bit should only be considered valid after the corresponding TTA bit has been set to a logic "1".
The TMA bit never causes an interrupt.
When the token is received again, the second transmission will be automatically initiated after the first is completed
by using the stored "Enable Transmit from Page fnn" command. The operation is as if a new "Enable Transmit from
Page fnn" command has just been issued. After the first Transmit status bits are cleared, the Status Register will
again be updated with the results of the second transmission and a second interrupt resulting from the second
transmission will occur. The ARCNET core guarantees a minimum of 200ns interrupt inactive time interval before the
following edge.
The Transmitter Available (TA) bit of the Interrupt Mask Register now masks only the TTA bit of the Status Register,
not the TA bit as in the non-chaining mode. Since the TTA bit is only set upon transmission of a packet (not by
RESET), and since the TTA bit may easily be reset by issuing a "Clear Transmit Interrupt" command, there is no
need to use the TA bit of the Interrupt Mask Register to mask interrupts generated by the TTA bit of the Status
Register. In Command Chaining mode, the "Disable Transmitter" command will cancel the oldest transmission. This
permits canceling a packet destined for a node not ready to receive.
If both packets should be canceled, two
"Disable Transmitter" commands should be issued.
Receive Command Chaining
Like the Transmit Command Chaining operation, the processor can issue two consecutive "Enable Receive from
Page fnn" commands.
After the first packet is received into the first specified page, the TRI bit of the Status Register will be set to logic "1",
causing an interrupt. Again, the interrupt need not be serviced immediately. Typically, the interrupt service routine
TRI
R I
TA
P O R
TE S T
RE C O N
TMA
T TA
TMA
T TA
TR I
MS B
LS B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com