Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 65 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 65 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 61Page - SMSC Corporation COM20051ILJP Datasheet HTML 62Page - SMSC Corporation COM20051ILJP Datasheet HTML 63Page - SMSC Corporation COM20051ILJP Datasheet HTML 64Page - SMSC Corporation COM20051ILJP Datasheet HTML 65Page - SMSC Corporation COM20051ILJP Datasheet HTML 66Page - SMSC Corporation COM20051ILJP Datasheet HTML 67Page - SMSC Corporation COM20051ILJP Datasheet HTML 68Page - SMSC Corporation COM20051ILJP Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
SMSC DS – COM20051I
Page 65
Rev. 03/27/2000
USING THE COM20051I'S EMULATION MODE
The COM20051I is unique among special purpose 8051 based devices in that it can be used in conjunction with a
standard 16MHz 80C32 ICE. The COM20051I incorporates an Emulate mode that puts the internal microcontroller in
a high impedance state so an external processor (like an ICE) can access the internal ARCNET core through the
COM20051I's pins. The ICE should be connected in parallel to the COM20051I as shown in Figure 24. The ICE
should operate off of its internal oscillator.
FIGURE 23 – CONNECTIONS FOR EMULATION MODE
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A8
A9
A10
A11
A12
A13
A14
P1.0
A15
P1.1
P1.3
P1.4
P1.5
P1.6
P1.0
P1.1
P1.3
P1.4
P1.5
P1.6
P1.7
P1.2
P1.2
P1.7
AD6
A8
C1
C2
A14
A11
A15
C0
A9
AD2
AD3
C3
AD1
C5
C4
AD7
A12
A13
AD5
AD0
A10
AD4
C22
33pf
C23
33pf
R19
1.5K
8032
31
19
18
9
12
13
14
15
1
2
3
4
5
6
7
8
39
38
37
36
35
34
33
32
21
22
23
24
25
26
27
28
17
16
29
30
11
10
EA/VP
X1
X2
RESET
INT0
INT1
T0
T1
P1.0/T2
P1.1/T2x
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
RD
WR
PSEN
ALE/P
TXD
RXD
C3
33pf
C2
33pf
Y1
16Mhz
Y3
COM20051I
35
21
20
10
14
15
16
17
2
3
4
5
6
7
8
9
43
42
41
40
39
38
37
36
24
25
26
27
28
29
30
31
19
18
32
33
13
11
12
23
1
34
EA/VP
X1
X2
RESET
INT0
INT1
T0
T1
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
RD
WR
PSEN
ALE/P
TXD
RXD
PULSE1
PULSE2
RXIN
TXEN
EMULATOR POD
SMSC COM20051I
U1
U3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com