Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 68 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 68 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 64Page - SMSC Corporation COM20051ILJP Datasheet HTML 65Page - SMSC Corporation COM20051ILJP Datasheet HTML 66Page - SMSC Corporation COM20051ILJP Datasheet HTML 67Page - SMSC Corporation COM20051ILJP Datasheet HTML 68Page - SMSC Corporation COM20051ILJP Datasheet HTML 69Page - SMSC Corporation COM20051ILJP Datasheet HTML 70Page - SMSC Corporation COM20051ILJP Datasheet HTML 71Page - SMSC Corporation COM20051ILJP Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
SMSC DS – COM20051I
Page 68
Rev. 03/27/2000
TIMING DIAGRAMS
FIGURE 24 – EXTERNAL PROGRAM MEMORY READ CYCLE
A0 - A7
INSTR. IN
A8 - A15
ALE
nPSEN
PORT 0
PORT 2
t11
t10
t2
t1
t6
t7
t3
t8
t5
t4
t9
Parameter
min
typ
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
ALE Pulse Width
Address Valid to ALE Low
ALE Low to nPSEN Low
nPSEN Low to Valid Instruction Input
nPSEN Low to Address Float
Address to Valid Instruction Input
Address Hold after ALE
ALE Low to Valid Instruction Input
nPSEN Pulse Width
Input Instruction Hold after nPSEN
Input Instruction Float after nPSEN
85
7
22.6
27
142.5
0
82.5
10
207.5
150
37.5
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
AC CHARACTERISTICS (0°C - 70°C, 5.0V ± 10%)
100 pF Loading for ALE, PORT0, and nPSEN; 16 MHz Processor Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com