Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 72 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 72 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 66Page - SMSC Corporation COM20051ILJP Datasheet HTML 67Page - SMSC Corporation COM20051ILJP Datasheet HTML 68Page - SMSC Corporation COM20051ILJP Datasheet HTML 69Page - SMSC Corporation COM20051ILJP Datasheet HTML 70Page - SMSC Corporation COM20051ILJP Datasheet HTML 71Page - SMSC Corporation COM20051ILJP Datasheet HTML 72Page - SMSC Corporation COM20051ILJP Datasheet HTML 73Page - SMSC Corporation COM20051ILJP Datasheet HTML 74Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
SMSC DS – COM20051I
Page 72
Rev. 03/27/2000
FIGURE 28 – BACKPLANE MODE TRANSMIT OR RECEIVE TIMING
(These signals are to and from the differential driver or the cable)
nPULSE
t2
t3
RXIN
t10
t11
nPULSE
t5
t6
(Internal
t4
t1
t7
TXEN
t9
t8
LAST
(400 nS BIT
* t2,t7,t10 = 4 x (crystal period) for clock frequencies other than
* t3,t11 = 8 x (crystal period) for clock frequencies other than
This period applies to data of two consecutive
* t5,t6 = 2 x (crystal period) for clock frequencies other than
** t9: For clock frequencies other than 20 MHz, t9 = 14 x (clock period) ±
Note: Clock frequency for 5 Mbps is 40
Paramete
min
typ
max units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
nPULSE2 High to TXEN
nPULSE1 Pulse
nPULSE1
nPULSE2 Low to nPULSE1
nPULSE2 High
nPULSE2 Low
nPULSE2
nPULSE2 High to TXEN
(first rising edge on nPULSE2 after Last Bit
TXEN Low to First nPULSE1
RXIN Pulse
RXIN
0
0
650
10
200*
400*
100*
100*
200*
200*
400*
50
25
50
750
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com