Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 71 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 71 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 66Page - SMSC Corporation COM20051ILJP Datasheet HTML 67Page - SMSC Corporation COM20051ILJP Datasheet HTML 68Page - SMSC Corporation COM20051ILJP Datasheet HTML 69Page - SMSC Corporation COM20051ILJP Datasheet HTML 70Page - SMSC Corporation COM20051ILJP Datasheet HTML 71Page - SMSC Corporation COM20051ILJP Datasheet HTML 72Page - SMSC Corporation COM20051ILJP Datasheet HTML 73Page - SMSC Corporation COM20051ILJP Datasheet HTML 74Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
SMSC DS – COM20051I
Page 71
Rev. 03/27/2000
FIGURE 27 – NORMAL MODE TRANSMIT OR RECEIVE TIMING
(These signals are to and from the Hybrid)
nPULSE2
Parameter
min
max units
nPULSE1
t1
* t1, t6 = .25 x (
1
) for data rates other than 2.5 Mpbs.
data rate
t2
t1
t3
typ
* t2,t7 = 8 x (crystal period) for clock frequencies other than 20
MHz.
This period applies to data of two consecutive one's.
RXIN
t6
t7
TXEN
t2
t4
t5
LAST BIT
(400 nS BIT TIME)
** t4: For clock frequencies other than 20 MHz, t4 = 18 x (crystal period) ± 50 nsec.
** t5: For clock frequencies other than 20 MHz, t5 = 6 x (crystal period) ± 50 nsec.
Note: Clock frequency for 5 Mbps is 40 MHz.
t1
t2
t3
t4
t5
t6
t7
PULSE1, PULSE2 Pulse Width
PULSE1, PULSE2 Period
PULSE1, PULSE2 Overlap
TXEN Low to PULSE1 Low**
Beginning of Last Bit Time to TXEN High**
RXIN Pulse Width
RXIN Period
-10
850
250
10
100*
400*
0
100*
400*
+10
950
350
nS
nS
nS
nS
nS
nS
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com