Electronic Components Datasheet Search
  English  ▼

X  

COM20051ILJP Datasheet(PDF) 35 Page - SMSC Corporation

Part # COM20051ILJP
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20051ILJP Datasheet(HTML) 35 Page - SMSC Corporation

Back Button COM20051ILJP Datasheet HTML 31Page - SMSC Corporation COM20051ILJP Datasheet HTML 32Page - SMSC Corporation COM20051ILJP Datasheet HTML 33Page - SMSC Corporation COM20051ILJP Datasheet HTML 34Page - SMSC Corporation COM20051ILJP Datasheet HTML 35Page - SMSC Corporation COM20051ILJP Datasheet HTML 36Page - SMSC Corporation COM20051ILJP Datasheet HTML 37Page - SMSC Corporation COM20051ILJP Datasheet HTML 38Page - SMSC Corporation COM20051ILJP Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
SMSC DS – COM20051I
Page 35
Rev. 03/27/2000
INTERNAL RAM
The integration of the 1K x 8 RAM in the ARCNET core represents significant real estate savings. The PC board is
now free of the cumbersome external RAM, external latch, and multiplexed
address/data
bus
and
control
functions which were necessary to interface to the RAM.
The integration of RAM represents significant cost savings because it isolates the system designer from the changing
costs of external RAM and it minimizes reliability problems, assembly time and costs, and layout complexity.
Sequential Access Memory
The internal RAM is accessed via a pointer-based scheme. Rather than interfering with system memory, the internal
RAM is indirectly accessed through the Address High and Low Pointer Registers. The data is channeled to and from
the microcontroller via the 8-bit Data Register. For example: a packet in the internal RAM buffer is read by the
microcontroller by writing the corresponding address into the Address Pointer High and Low Registers (offsets 02H
and 03H). Note that the High Register should be written first, followed by the Low Register, because writing to the
Low Register loads the address. At this point the device accesses that location and places the corresponding data
into the Data Register. The microcontroller then reads the Data Register (offset 04H) to obtain the data at the
specified location. If the Auto Increment bit is set to logic "1", the device will automatically increment the address and
place the next byte of data into the Data Register, again to be read by the microcontroller. This process is
continued until the entire packet is read out of RAM. Refer to Figure 10 for an illustration of the Sequential Access
operation.
When switching between reads and writes, the pointer must first be written with the starting address. At least one
cycle time should separate the pointer being loaded and the first read (see timing parameters).
Access Speed
The ARCNET core is able to accommodate very fast access cycles to its registers and buffers. Arbitration to the
buffer does not slow down the cycle because the pointer based access method allows data to be prefetched from
memory and stored in a temporary
register. Likewise, data to be written is stored in the temporary register and
then written to memory.
A Slow Arbitration Bit is provided in the Setup Register to slow down the arbitration clock for buffer accesses at 5
Mbps. The SLOWARB bit must be set to a "1" for 5 Mbps operation.
SOFTWARE INTERFACE
The 80C32 core interfaces to the ARCNET core via software by accessing the various registers. These actions are
described in the Internal Registers section.
The software flow for accessing the data buffer is based on the
Sequential Access scheme. The basic sequence is as follows:
!"
Disable Interrupts
!"
Write to Pointer Register High (specifying Auto-Increment mode.)
!"
Write to Pointer Register Low (this loads the address.)
!"
Enable Interrupts
!"
Read or write the Data Register (repeat as many times as necessary to empty or fill the buffer.
!"
The pointer may now be read to determine how many transfers were completed.
The software flow for controlling the Configuration, Node ID, Tentative ID, and Next ID registers is generally limited to
the initialization sequence and the maintenance of the network map.
Additionally, it is necessary to understand the details of how the other Internal Registers are used in the transmit and
receive sequences and to know how the internal RAM buffer is properly set up. The sequence of events that tie
these actions together is discussed as follows.
Selecting RAM Page Size
During normal operation, the 1K x 8 of RAM is divided into two pages of 512 bytes each. The page to be used is
specified in the "Enable Transmit (Receive) from (to) Page fnn" command, where "nn" specifies page 0 or 1. This
allows the user to have constant control over the allocation of RAM.
When the Offset bit "f" (bit 5 of the "Enable Transmit (Receive) from (to) Page fnn" command word) is set to logic "1",
an offset of 256 bytes is added to the page specified. For example: to transmit from the second half of page 0, the
command "Enable Transmit from Page fnn" (fnn=100 in this case) is issued by writing 0010 0011 to the Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com