Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CLD18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Smartec CLD18
4
Endress+Hauser
Power supply
Terminal assignment (only
CLD18-A/B/C/D)
+
X
1
2
A0029684
 2
Terminal assignment
IOut1
Current output conductivity (active)
IOut2
Current output temperature (active)
Out
Alarm output (open-collector)
MRS
Binary input (measuring range switch)
L+/L-
Power supply
X
Grounding pin (flat male tab 4.8 mm)
1
Cover on electronics box
2
Electronics box
Supply voltage
Analog: 24 V DC ± 20 %, protected against reverse polarity
IO-Link: 18 to 30 V DC (SELV, PELV, Class 2), protected against reverse polarity
Power consumption
Analog: 3 W
IO-Link: 1 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com