Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Smartec CLD18
8
Endress+Hauser
Electromagnetic
compatibility
Analog:
Interference emission as per EN 61000-6-3:2007 + A1:2011 and EN 55011:2009 + A1:2010
Interference immunity as per EN 61326-1:2013
IO-Link:
Interference emission according to EN 61326-1:2013, Class A
Interference immunity according to EN 61326-1:2013, Class A and IEC 61131-9:2013 (at least:
Annex G1)
Pollution degree
Pollution level 2
Altitude
<2000 m (6500 ft)
Process
Process temperature
Stainless steel process connection:
–10 to 110 °C (14 to 230 °F)
Max.130 °C (266 °F) up to 60 minutes
PVC process connection:
–10 to 60 °C (14 to 140 °F)
Absolute process pressure
Stainless steel process connection:
13 bar (188.5 psi), abs to up to 50 °C (122 °F)
7.75 bar (112 psi), abs at 110 °C (230 °F)
6.0 bar (87 psi), abs at 130 °C (266 °F) max. 60 minutes
1 to 6 bar (14.5 to 87 psi), abs in CRN environment tested with 50 bar (725 psi)
PVC process connection:
9 bar (130.5 psi), abs to up to 50 °C (122 °F)
6.0 bar (87 psi), abs at 60 °C (140 °F)
1 to 6 bar (14.5 to 87 psi), abs in CRN environment tested with 50 bar (725 psi)
Pressure-temperature
ratings
p (abs.)
T
[bar]
[°C]
6
13
130
110
[psi]
188.5
87
T[°F]
230
266
50
122
A
60
140
9
130.5
1
2
1
14.5
A0045788
 8
Pressure/temperature ratings
1
Stainless steel process connection
2
PVC process connection
A
Process temperature increased briefly (max. 60 minutes)
Flow velocity
max. 10 m/s (32.8 ft/s) for low-viscosity media in pipe DN 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com