Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLD18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Smartec CLD18
Endress+Hauser
3
Binary input
The binary input is used in the SIO 1) (without IO-Link communication) for measuring range
switching.
Voltage range
0 V to 30 V
High voltage min.
Analog: 12.0 V
IO-Link: 13.0 V
Low voltage max.
Analog: 9.0 V
IO-Link: 8.0 V
Current consumption at 24 V
Analog: 30.0 mA
IO-Link: 5.0 mA
Undefined voltage range
Analog: 9.0 to 12.0 V
IO-Link: 8.0 to 13.0 V
Output
Output signal
Conductivity:
Analog: 0 / 4 to 20 mA, galvanically isolated
IO-Link: 0 / 4 to 20 mA
Temperature:
Analog: 0 / 4 to 20 mA, galvanically isolated
Load
Max. 500 Ω
Characteristic
Linear
Signal resolution
Resolution:
> 13 bit
Accuracy:
± 20 μA
Alarm output (only CLD18-
A/B/C/D)
The alarm output is implemented as an "open collector".
Max. current
200 mA
Max. voltage
30 V DC
Error or device without supply voltage
Alarm output blocked (0 mA)
No error
Alarm output open (up to 200 mA)
Protocol-specific data (only
CLD18-E)
IO-Link specification
Version 1.1.3
Device ID
0x020101 (131329)
Manufacturer ID
0x0011 (17)
IO-Link Smart Sensor Profile 2nd
Edition
Identification, diagnosis, DMSS (digital measuring and
switching sensors)
SIO mode
Yes
Velocity
COM2 (38.4 kBd)
Minimum cycle time
10 ms
Process data width:
80 bit
IO-Link data storage
Yes
Block configuration
Yes
1)
SIO = standard input output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com