Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CLD18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Smartec CLD18
Endress+Hauser
5
Electrical connection
CLD18-A/B/C/D (without IO-Link)
Lf
mA
mA
X
I ut1
O
I ut2
O
L
MRS
Alarm Out
A0033106
 3
Electrical connection
CLD18-E (with IO-Link)
1
2
3
4
1
2
4
3
BN
WH
BK
BU
L+
OUT2
OUT1
L-
A0045775
 4
Connection via M12 connector (A-coded)
1
L+
2
OUT2, current output 0/4 to 20 mA
3
L-
4
OUT1, IO-Link communication / SIO input for measuring range switching
Cable specification
Analog: 0.5 mm2 recommended, max. 1.0 mm2
IO-Link: 0.34 mm2 recommended, maximum cable length 20 m
Overvoltage protection
Overvoltage category I
Performance characteristics
Response time
Conductivity:
t95 < 1.5 s
Temperature:
t90 < 20 s
Measured error
Conductivity:
± (2.0 % of measured value + 20 µS/cm)
Temperature:
± 1.5 K
Signal outputs
± 50 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com