Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 16Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Smartec CLD18
Endress+Hauser
13
Certificates and approvals
Current certificates and approvals for the product are available via the Product Configurator at
www.endress.com.
1. Select the product using the filters and search field.
2. Open the product page.
The Configuration button opens the Product Configurator.
Ordering information
Product page
www.endress.com/CLD18
Product Configurator
On the product page there is a Configure button to the right of the product image.
1. Click this button.
 The Configurator opens in a separate window.
2. Select all the options to configure the device in line with your requirements.
 In this way, you receive a valid and complete order code for the device.
3. Export the order code as a PDF or Excel file. To do so, click the appropriate button on the right
above the selection window.
For many products you also have the option of downloading CAD or 2D drawings of the
selected product version. Click the CAD tab for this and select the desired file type using
picklists.
Scope of delivery
The scope of delivery comprises:
• Smartec CLD18 measuring system in the version ordered
• Analog: Operating Instructions BA01149C
• IO-Link: Operating Instructions BA02097C
Accessories
The following are the most important accessories available at the time this documentation was
issued.
‣ For accessories not listed here, please contact your Service or Sales Center.
Standard solutions
Conductivity calibration solutions CLY11
Precision solutions referenced to SRM (Standard Reference Material) by NIST for qualified
calibration of conductivity measuring systems in accordance with ISO 9000:
• CLY11-C, 1.406 mS/cm (reference temperature 25 °C (77 °F)), 500 ml (16.9 fl.oz)
Order No. 50081904
• CLY11-D, 12.64 mS/cm (reference temperature 25 °C (77 °F)), 500 ml (16.9 fl.oz)
Order No. 50081905
• CLY11-E, 107.00 mS/cm (reference temperature 25 °C (77 °F)), 500 ml (16.9 fl.oz)
Order No. 50081906
For further information on "Calibration solutions", see the Technical Information →  2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com