Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CLD18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Smartec CLD18
6
Endress+Hauser
Repeatability
Conductivity:
max. 0.5 % of measured value ± 5 µS/cm ± 2 digits
Cell constant
11.0 cm-1
Temperature compensation
Range
–10 to 130 °C (14 to 266 °F)
Types of compensation
• None
• Linear with user-configurable temperature coefficient
Reference temperature
25 °C (77 °F)
Installation
Mounting instructions
Hygienic requirements
‣ Easily cleanable installation of equipment according to the criteria of the EHEDG must be free of
dead legs.
‣ If a dead leg is unavoidable, it shall be kept as short as possible. Under no circumstances shall the
length of a dead leg L exceed the pipe’s inner diameter D minus the equipment’s enveloping
diameter d. The condition L ≤ D – d applies.
‣ Furthermore, the dead leg must be self-draining, so neither product nor process fluids are
retained therein.
‣ Within tank installations, the cleaning device must be located so that it directly flushes the dead
leg.
‣ For further reference, see the recommendations concerning hygienic seals and installations in
EHEDG Doc. 10 and the Position Paper: “Easy cleanable Pipe couplings and Process connections”.
For 3-A-compliant installation, please observe the following:
‣ After the device has been mounted, hygienic integrity must be guaranteed.
‣ The leakage hole must be located at the lowest point on the device.
‣ 3-A-compliant process connections must be used.
Orientations
The sensor must be completely immersed in the medium. Avoid air bubbles in the area of the sensor.
A0037970
 5
Orientation of conductivity sensors. Engineering unit: m (ft)
Changes in the flow direction (after pipe bends) can cause turbulence in the medium.
1. Install the sensor at a distance of at least 1 m (3.3 ft) downstream from a pipe bend.
2. When installing, align the sensor in such a way that the medium flows through the flow
opening of the sensor in the direction of medium flow. The sensor head must be completely
immersed in the medium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com