Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Smartec CLD18
Endress+Hauser
7
Installation factor
In confined installation conditions, the walls affect the ionic current in
the liquid. This effect is offset by what is referred to as the installation
factor. The installation factor can be entered in the transmitter for the
measurement or the cell constant is corrected by multiplying by the
installation factor.
The value of the installation factor depends on the diameter and the
conductivity of the pipe nozzle as well as the distance a between the
sensor and the wall.
The installation factor can be disregarded (f = 1.00) if the distance to the
wall is sufficient (a > 20 mm, from DN 60).
If the distance to the wall is shorter, the installation factor increases for
electrically insulating pipes (f > 1) and decreases for electrically
conductive pipes (f < 1).
It can be measured using calibration solutions, or a close approximation
can be determined from the following diagram.
A0037972
 6
CLD18 installation
a
Wall distance
1
2
a [inch]
0
10
20
30
40
a [mm]
0.95
1 00
.
1.05
f
0.39
0.79
1.18
1.57
A0020517
 7
Relationship between installation factor f and wall distance a
1
Electrically conductive pipe wall
2
Electrically insulating pipe wall
‣ Install the measuring system in such a way that the housing is not exposed to direct sunlight.
Environment
Ambient temperature
Stainless steel process connection:
–20 to 60 °C (–4 to 140 °F)
PVC process connection:
–10 to 60 °C (14 to 60 °F)
Storage temperature
Stainless steel process connection:
–25 to 80 °C (–13 to 176 °F)
PVC process connection:
–10 to 60 °C (14 to 140 °F)
Humidity
≤ 100 %, condensating
Climate class
Climate class 4K4H as per EN 60721-3-4
Degree of protection
IP 69 as per EN 40050:1993
Degree of protection NEMA TYPE 6P as per NEMA 250-2008
Shock resistance
Complies with IEC 61298-3, certified up to 50 g
Vibration resistance
Complies with IEC 61298-3, certified up to 5 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com