Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 10 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 10 Page - Endress+Hauser Group Services AG

Back Button CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 14Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Smartec CLD18
10
Endress+Hauser
CLD18-E (with IO-Link)
28 (1.10)
85 (3.35)
114.5 (4.51)
5.2
20.5
(0.81)
A
A
B
(0.20)
A0045771
 10
Dimensions and versions (examples). Engineering unit: mm (in)
A
Stainless steel housing with ISO 2852 clamp 2"
B
Stainless steel housing with Varivent DN 40 to 125
Weight
Stainless steel housing:
max. 1.870 kg (4.12 lbs)
Plastic housing:
max. 1.070 kg (2.36 lbs)
Materials
In contact with medium
Sensor:
PEEK (polyetheretherketone)
Process connection:
Stainless steel 1.4435 (AISI 316 L), PVC-U
Seal:
EPDM
Not in contact with medium
Stainless steel housing:
Stainless steel 1.4308 (ASTM CF-8, AISI 304)
Plastic housing:
PBT GF20, PBT GF10
Seals:
EPDM
Window:
PC
Cable glands:
PA, TPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com