Electronic Components Datasheet Search
  English  ▼

X  

CLD18 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CLD18
Description  Compact inductive conductivity measurement for the food and beverage industry
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLD18 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CLD18 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLD18 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Smartec CLD18
2
Endress+Hauser
Function and system design
Measuring principle
Inductive conductivity measurement
An oscillator (1) generates an alternating magnetic field in the primary coil (2), which induces a
current flow (3) in the medium. The strength of the current depends on the conductivity and thus on
the ion concentration in the medium. The current flow in the medium, in turn, generates a magnetic
field in the secondary coil (4). The resulting induced current is measured by the receiver (5) and used
to determine the conductivity.
1
5
4
3
2
A0004894
 1
Inductive conductivity measurement
1
Oscillator
2
Primary coil
3
Current flow in the medium
4
Secondary coil
5
Receiver
Advantages of inductive conductivity measurement:
• No electrodes and therefore no polarization effects
• Accurate measurement in media with a high degree of pollution and a tendency to form buildup
• Complete galvanic isolation of the measurement and the medium
Input
Measured variables
Conductivity
Temperature
Measuring range
Conductivity:
Recommended range: 200 μS/cm to 1000 mS/cm
(uncompensated)
Temperature:
–10 to 130 °C (14 to 266 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com