Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 31Page - Texas Instruments CDC706 Datasheet HTML 32Page - Texas Instruments CDC706 Datasheet HTML 33Page - Texas Instruments CDC706 Datasheet HTML 34Page - Texas Instruments CDC706 Datasheet HTML 35Page - Texas Instruments CDC706 Datasheet HTML 36Page - Texas Instruments CDC706 Datasheet HTML 37Page - Texas Instruments CDC706 Datasheet HTML 38Page - Texas Instruments CDC706 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
www.ti.com
EVMBoardConfiguration:
• CLK_IN:Crystal27MHz
Measurement:
• StartCondition: ƒ(M =10,N=30)=81MHz
• Byte2write:N=30(81MHz) N=1
³
10(297MHz)
Result:
• 60 mstoPLL PullIn
• 90 mstoPLL PhaseLock
20 ms/div
81
297
0
60
t[ s]
m
StartCondition:
Acknowledgeof
N-DividerByte
Frequency
Response
Curveof Y0
f
VCO (MHz)
• Y0(PLL1), Y13state
• measuredChannel: Y0
Power Supply Sequencing
Device Behavior During Supply Voltage Drops
V
t
Typ3.3V
Typ2.1V
Typ1.7V
A
B
C
D
VCC
VPUC_ON
VPUC_OFF
GND
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
Figure 33. Snapshot of the PLL Lock-Time
The CDC706 includes three power supply pins, VCC, VCCOUT1, and VCCOUT2. There are no power supply
sequencing requirements, as the three power nodes are separated from each other. So, power can be supplied
in any order to the three nodes.
Also, the part has a power-up circuitry which switches the device on if VCC exceeds 2.1 V (typical) and switches
the device off at VCC < 1.7 V (typical). In power-down mode, all outputs and clock inputs are switched off.
The CDC706 has a Power-Up-Circuit, which activates the device function at VPUC_ON (typical 2.1 V). At the same
time, the ROM information is loaded into the register. This mechanism ensures that there is a pre-defined default
after Power-Up and no need to reprogram the CDC706 in the application.
In the event of a supply-voltage-drop, the Power-Up-Circuit assures that there is always a defined setup within
the register. Figure 34 shows possible voltage drops with different amplitudes.
Figure 34. Different Voltage Drops on VCC During Operation
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com