Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 29Page - Texas Instruments CDC706 Datasheet HTML 30Page - Texas Instruments CDC706 Datasheet HTML 31Page - Texas Instruments CDC706 Datasheet HTML 32Page - Texas Instruments CDC706 Datasheet HTML 33Page - Texas Instruments CDC706 Datasheet HTML 34Page - Texas Instruments CDC706 Datasheet HTML 35Page - Texas Instruments CDC706 Datasheet HTML 36Page - Texas Instruments CDC706 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
www.ti.com
carrier
48MHz
carrier
48MHz
spurs at
47MHz&49MHz
carrier
48MHz
spurs at
47MHz&49MHz
spur 47MHz and
fundamental at 1MHz
w Measured Y0: 48 MHz
w Y1, Y2, Y3, Y4 & Y5 tri−stated
w Inserted 30mV 1MHz @ Vcc = 3.3V
Phase Noise Characteristic
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
Figure 30. Noise Coupling and Spur Suppression
Figure 31. Power Supply Noise Rejection
In high-speed communication systems, the phase noise characteristic of the PLL frequency synthesizer is of
high interest. Phase noise describes the stability of the clock signal in the frequency domain, similar to the jitter
specification in the time domain.
Phase noise is a result of random and discrete noise causing a broad slope and spurious peaks. The discrete
spurious components could be caused by known clock frequencies in the signal source, power line interference,
and mixer products. The broadening caused by random noise fluctuation is due to phase noise. It can be the
result of thermal noise, shot noise and/or flicker noise in active and passive devices.
Important factor for PLL synthesizer is the loop bandwidth (–3 dB cut-off frequency) — large loop bandwidth
(LBW) results in fast transient response but have less reference spur attenuation. The LBW of the CDC706 is
about 100 kHz to 250 kHz, dependent on selected PLL parameter.
For the CDC706, two phase noise characteristics are of interest: The phase noise of the crystal-input stage and
the phase noise of the internal PLL (VCO). Figure 32 shows the respective phase noise characteristic.
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com