Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 2Page - Texas Instruments CDC706 Datasheet HTML 3Page - Texas Instruments CDC706 Datasheet HTML 4Page - Texas Instruments CDC706 Datasheet HTML 5Page - Texas Instruments CDC706 Datasheet HTML 6Page - Texas Instruments CDC706 Datasheet HTML 7Page - Texas Instruments CDC706 Datasheet HTML 8Page - Texas Instruments CDC706 Datasheet HTML 9Page - Texas Instruments CDC706 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
www.ti.com
DEVICE CHARACTERISTICS
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
OVERALL PARAMETER
All PLLs on, all outputs on,
ICC
Supply current (2)
fOUT = 80 MHz, fCLK_IN = 27 MHz,
90
115
mA
f(VCO) = 160 MHz
Power down current. Every circuit
ICCPD
fIN = 0 MHz, VCC = 3.6 V
50
µA
powered down except SMBus
Supply voltage VCC threshold for
V(PUC)
2.1
V
power up control circuit
All PLLs
80
200
Normal speed-mode(3)
VCO frequency of internal PLL (any
f(VCO)
PLL2 with SSC
80
167
MHz
of three PLLs)
High-speed mode(3)
180
300
VCC = 2.5 V
250
LVCMOS output frequency range(4),
fOUT
MHz
See Figure 4
VCC = 3.3 V
300
LVCMOS PARAMETER
V(IK)
LVCMOS input voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current (CLK_IN0 and
II
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
CLK_IN1)
IIH
LVCMOS input current (S1/S0)
VI = VCC, VCC = 3.6 V
5
µA
IIL
LVCMOS input current (S1/S0)
VI = 0 V, VCC = 3.6 V
-35
-10
µA
Input capacitance at CLK_IN0 and
CI
VI = 0 V or VCC
3
pF
CLK_IN1
LVCMOS PARAMETER FOR VCCOUT = 3.3-V Mode
VCCOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VCCOUT = 3 V, IOH = –4 mA
2.4
V
VCCOUT = 3 V, IOH = –6 mA
2.1
VCCOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VCCOUT = 3 V, IOL = 4 mA
0.5
V
VCCOUT = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
Rise and fall time for output
tr0/tf0
VCCOUT = 3.3 V (20%–80%)
1.7
3.3
4.8
ns
slew rate 0
Rise and fall time for output
tr1/tf1
VCCOUT = 3.3 V (20%–80%)
1.5
2.5
3.2
ns
slew rate 1
Rise and fall time for output
tr2/tf2
VCCOUT = 3.3 V (20%–80%)
1.2
1.6
2.1
ns
slew rate 2
Rise and fall time for output
tr3/tf3
VCCOUT = 3.3 V (20%–80%)
0.4
0.6
1
ns
slew rate 3 (default configuration)
fOUT = 50 MHz
55
90
1 PLL, 1 Output
fOUT = 245.76 MHz
45
80
tjit(cc)
Cycle-to-cycle jitter (5)(6)
ps
fOUT = 50 MHz
125
155
3 PLLs, 3 Outputs
fOUT = 245.76 MHz
60
95
(1)
All typical values are at respective nominal VCC.
(2)
For calculating total supply current, add the current from Figure 2, Figure 3, and Figure 4. Using high-speed mode of the VCO reduces
the current consumption. See Figure 3.
(3)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in Byte 6, Bit [7:5]. The min f(VCO) can be
lower but impacts jitter-performance.
(4)
Do not exceed the maximum power dissipation of the 20-pin TSSOP package (600 mW at no air flow). See Figure 5
(5)
50000 cycles.
(6)
Jitter depends on configuration. Jitter data is normal tr/tf, input frequency = 3.84 MHz, f(VCO) = 245.76 MHz.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com