Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC706 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 19Page - Texas Instruments CDC706 Datasheet HTML 20Page - Texas Instruments CDC706 Datasheet HTML 21Page - Texas Instruments CDC706 Datasheet HTML 22Page - Texas Instruments CDC706 Datasheet HTML 23Page - Texas Instruments CDC706 Datasheet HTML 24Page - Texas Instruments CDC706 Datasheet HTML 25Page - Texas Instruments CDC706 Datasheet HTML 26Page - Texas Instruments CDC706 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
www.ti.com
XO
or
2LVCMOS
or
Differential
input
CLK_IN0
CLK_IN1
Inputsourceselect
(fromSMBUS)
PLL Configuration and Setting
MUX
9−Bit Divider M
1 .. 511
PLLx
12−Bit Divider N
1 .. 4095
PFD
Filter
VCO
SSC
(PLL2 only)
Input Clock
Programming
PLL output
SSC output
(PLL2 Only)
VCO Bypass
CDC706
SCAS829A – SEPTEMBER 2006 – REVISED MARCH 2007
Differential Clock Inputs
The CDC706 supports differential signaling as well. In this mode, CLK_IN0 and CLK_IN1 pin serve as
differential signal inputs and can be driven up to 200 MHz.
The minimum magnitude of the differential input voltage is 100 mV over a differential common-mode input
voltage range of 200 mV to VCC– 0.6. If LVDS or LVPECL signal levels are applied, ac-coupling and a biasing
structure is recommended to adjust the different physical layers (see Figure 17). The capacitor removes the dc
component of the signal (common-mode voltage), while the ac component (voltage swing) is passed on. A
resistor pull-up and/or pull-down network represents the biasing structure used to set the common-mode voltage
on the receiver side of the ac-coupling capacitor. DC coupling is also possible.
Figure 17. Differential Clock Input Circuitry
The CDC706 includes three PLLs which are equal in function and performance. Except PLL2 which in addition
supports spread spectrum clocking (SSC) generation. Figure 18 shows the block diagram of the PLL.
Figure 18. PLL Architecture
All three PLLs are designed for easiest configuration. The user just has to define the input and output
frequencies or the divider (M, N, P) setting respectively. All other parameters, such as charge-pump current,
filter components, phase margin, or loop bandwidth are controlled and set by the device itself. This assures
optimized jitter attenuation and loop stability.
The PLL support normal-speed mode (80 MHz
≤ f
VCO ≤ 200 MHz) and high-speed mode (180 MHz ≤ fVCO ≤ 300
MHz) which can be selected by PLLxFVCO (Bit [7:5] of Byte 6). The respective speed option assures stable
operation and lowest jitter.
The divider M and divider N operates internally as fractional divider for fVCO up to 250 MHz. This allows fractional
divider ratio for zero ppm output clock error.
In case of fVCO > 250 MHz, it is recommended that integer factors of N/M are used only.
For optimized jitter performance, keep divider M as small as possible. Also, the fractional divider concept
requires a PLL divider configuration, M
≤ N (or N/M ≥ 1).
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com